Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 277 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 277 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 271Page - STMicroelectronics L9679P Datasheet HTML 272Page - STMicroelectronics L9679P Datasheet HTML 273Page - STMicroelectronics L9679P Datasheet HTML 274Page - STMicroelectronics L9679P Datasheet HTML 275Page - STMicroelectronics L9679P Datasheet HTML 276Page - STMicroelectronics L9679P Datasheet HTML 277Page - STMicroelectronics L9679P Datasheet HTML 278Page - STMicroelectronics L9679P Datasheet HTML 279Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 277 / 279 page
background image
DS11627 Rev 7
277/279
L9679P
Revision history
278
23
Revision history
Table 77. Document revision history
Date
Revision
Changes
03-May-2016
1
Initial release.
08-Oct-2018
2
– Updated Figure 2: Device function block diagram on page 23;
– Modified description of the bullet SSM_RESET on page 50;
– Corrected in Section 7.3.28 register “RES_MEAS_CHSEL[3:0]” for
“0100” from “unused” to “ER cap ESR measure”;
– Fixed condition of parameter ΔILIM_OC_PSI5;
– Updated Section 18.21: General purpose output drivers and
Table 66: GPO interface DC specifications;
– Changed min value of VOH_RESET parameter;
– Fixed description in Section 8.1.2: Deploy command expiration timer;
– Added ISRC_DELTA parameter;
– Fixed description in Section 6.12: Reset control added min and max
values of oscillator Frequency Detection Threshold parameters;
– Fixed description for ERSWITCH_LIM_SEL bit in SYS_CTL spi
register;
– Fixed min value of IPD_VSF_TOT parameter;
– Improved ESR ER CAP diagnostic description in Section 6.5.2: ER
CAP ESR measurement;
– Added delta VBgood2 – VBbad2 parameter;
– Removed VMEAS_ACC parameter;
– Added VSR_CLAMP parameter;
– Updated Figure 10: IC operating state diagram;
– Changed description in Section 9.1.1: Functional description to
specify better when data registers are updated; added in parameters
section TWRITE_EN_DELAY_LF and TWRITE_EN_DELAY_HF;
– Replaced 6 bits with 2 bits for deploy expiration timer configuration in
Section 8.1.2: Deploy command expiration timer;
– Updated “CSx[2:0] 100 in Section 7.3.55: Safing control x registers
(SAF_CONTROL_x);
– Added parameters to specify soft start of erboost and syncboost in
Table 36: ERBoost regulator AC specifications and Table 45:
SYNCBOOST converter AC specifications;
– Added block diagram of ADC Mux in Section 15: System voltage
diagnostics;
– Added total Voltage Measurement Accuracy in Table 71: Voltage
diagnostics (Analog MUX);
– Fixed description in Section 5.2: Deployment drivers;
– Improved the power supply sequences;
– Changed AMR of SR pin from 40 V to 35 V;
– Added some additional test conditions in electrical tables;
– Improved description of PSI5 time slot control.
– Table 73: Errata sheet on page 272.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com