Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9848 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9848
Description  Octal configurable low/high side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9848 Datasheet(HTML) 1 Page - STMicroelectronics

  L9848 Datasheet HTML 1Page - STMicroelectronics L9848 Datasheet HTML 2Page - STMicroelectronics L9848 Datasheet HTML 3Page - STMicroelectronics L9848 Datasheet HTML 4Page - STMicroelectronics L9848 Datasheet HTML 5Page - STMicroelectronics L9848 Datasheet HTML 6Page - STMicroelectronics L9848 Datasheet HTML 7Page - STMicroelectronics L9848 Datasheet HTML 8Page - STMicroelectronics L9848 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
September 2013
Rev 6
1/27
1
L9848
Octal configurable low/high side driver
Features
■ Configurable up to 6 high side drivers
■ RDSON = max.1.5 @ Tj = 25 °C
■ Current limit of each output at min. 0.8 A
■ Supply voltage 4.75 V to 5.25 V
■ Output voltage clamping min. 35 V (low side
mode)
■ Output voltage clamping -30 V (high side
mode)
■ SPI interface for data communication
■ Additional PWM inputs for 2 outputs
■ Thermal shutdown for all outputs
■ Open load detection in off mode
■ Reverse battery protection for outputs (amb)
■ Ground disconnection for high side configured
outputs
Description
The L9848 IC is a highly flexible monolithic
medium current output driver that incorporates 2
dedicated low side outputs (outputs 7-8) and 6
outputs that can be used as either internal low or
high side drives in any combination (outputs 1-6).
In addition, 2 outputs are capable of being
PWMed via an external pin (outputs 5-6). The
integrated standard serial peripheral interface
(SPI) controls all outputs and provides diagnostic
information.
Integrated clamping circuits, waveshaping,
protection against positive and negative voltage
transients and thermal shutdown for all outputs
open a wide range of automotive and industrial
applications
SO-28
Table 1.
Device summary
Order code
Package
Packing
L9848
SO-28
Tube
www.st.com


Similar Part No. - L9848

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9848 STMICROELECTRONICS-L9848 Datasheet
207Kb / 18P
OCTAL CONFIGURABLE LOW/HIGH SIDE DRIVER
05-Jul-2001
More results

Similar Description - L9848

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1010 PHILIPS-TJA1010 Datasheet
105Kb / 16P
Octal Low Side Driver OLSD
1998 Feb 09
logo
STMicroelectronics
L9848 STMICROELECTRONICS-L9848 Datasheet
207Kb / 18P
OCTAL CONFIGURABLE LOW/HIGH SIDE DRIVER
05-Jul-2001
L9733 STMICROELECTRONICS-L9733 Datasheet
559Kb / 33P
Octal self configuring Low/High side driver
15-Jun-2006
VN808CM STMICROELECTRONICS-VN808CM Datasheet
286Kb / 14P
LOW THRESHOLD OCTAL HIGH SIDE DRIVER
12-Sep-2005
logo
ON Semiconductor
NCV7608 ONSEMI-NCV7608 Datasheet
305Kb / 27P
Octal Configurable Low/High Side Driver
June, 2013 ??Rev. 3
logo
STMicroelectronics
L9733CNTR STMICROELECTRONICS-L9733CNTR Datasheet
447Kb / 34P
Octal self configuring low/high side driver
19-Sep-2013
logo
ON Semiconductor
NCV7240 ONSEMI-NCV7240_16 Datasheet
233Kb / 27P
Octal Low-Side Relay Driver
September, 2016 ??Rev. 8
NCV7240 ONSEMI-NCV7240_17 Datasheet
235Kb / 27P
Octal Low-Side Relay Driver
November, 2017 ??Rev. 11
NCV7608 ONSEMI-NCV7608_17 Datasheet
257Kb / 27P
Octal Configurable Low/High Side Driver
February, 2017 ??Rev. 4
logo
Maxim Integrated Produc...
MAX22200EVKIT MAXIM-MAX22200EVKIT Datasheet
888Kb / 12P
Configurable for High-Side/Low-Side Solenoid Driver
Rev 0; 4/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com