Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9848 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9848
Description  Octal configurable low/high side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9848 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9848 Datasheet HTML 10Page - STMicroelectronics L9848 Datasheet HTML 11Page - STMicroelectronics L9848 Datasheet HTML 12Page - STMicroelectronics L9848 Datasheet HTML 13Page - STMicroelectronics L9848 Datasheet HTML 14Page - STMicroelectronics L9848 Datasheet HTML 15Page - STMicroelectronics L9848 Datasheet HTML 16Page - STMicroelectronics L9848 Datasheet HTML 17Page - STMicroelectronics L9848 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Functional description
L9848
14/27
3
Functional description
3.1
General features
The L9848 IC is a monolithic integrated circuit, which provides high flexibility for driving
medium loads. 8 outputs, whereof 6 (Output1-6) can be used as either internal low or high
side drives in any combination and 2 are dedicated low side outputs (Output7-8). The use of
this device reduces the I/O port requirements of the microprocessor by having serially
controlled outputs via a SPI interface. In addition, Output5-6 are capable of being PWMed
via an external pin (Input5-6). The 8bit SPI input is used to command the 8 output drivers
either ON or OFF and additional to indicate latched fault conditions that may have occurred.
Multiple L9848s may be daisy-chained with one additional microprocessor I/O port (CSn) for
each device. The implemented self-configuration allows the user to connect a high or low
side load to any of these outputs and the L9848 will drive them correctly as well as provide
proper fault mode operation with no other needed inputs. This device switch variable load
currents within the operation temperature range. The outputs are MOSFET drivers to
minimize Vdd current requirements. There's no VBatt input pin however VBatt is connected to
the drains of high side outputs.
The L9848 meets all required specifications when the supply voltage applied to the drain(s)
of the outputs is within the operating range. For supply voltages applied to the drain(s) down
to 6.8V the part is functional however, it does not meet all parametric limits, i.e. output on-
state voltages.
3.2
Outputs - Common characteristics
The 6 self-configuring outputs (Outputs1-6) are able to drive either incandescent lamps,
inductive loads (non-PWMed), or resistive loads biased to VBatt. These outputs are enabled
and disabled via the SPI bus. Each of these outputs is short circuit current limited and has
an over-temperature protection as described under "Functional Description - Thermal
Shutdown".
When a high side configured output is commanded OFF after having been commanded ON,
the source voltage will go to the lesser negative of (VBatt-45V). This is due to the design of
the circuitry and the transconductance of the MOSFET.
When a low side configured output is commanded OFF after having been commanded ON,
the output voltage will rise to the internal zener clamp voltage (40 Vdc minimum) due to the
flyback of the inductive load.
3.2.1
Output 1-4
These four outputs can be used as either high or low side drives. Integrated current source
pull-ups and pull-downs are employed to correctly latch "open load" fault data. Both of these
current sources are needed to detect an open load state since these outputs self configure
as either high or low side drives.
Drain connections of output1-4 (DRN1-4)
These pins are connected to the drains of the n-channel MOSFET transistors.
Source connections of output1-4 (SRC1-4)
These pins are connected to the sources of the n-channel MOSFET transistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com