Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9848 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9848
Description  Octal configurable low/high side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9848 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9848 Datasheet HTML 12Page - STMicroelectronics L9848 Datasheet HTML 13Page - STMicroelectronics L9848 Datasheet HTML 14Page - STMicroelectronics L9848 Datasheet HTML 15Page - STMicroelectronics L9848 Datasheet HTML 16Page - STMicroelectronics L9848 Datasheet HTML 17Page - STMicroelectronics L9848 Datasheet HTML 18Page - STMicroelectronics L9848 Datasheet HTML 19Page - STMicroelectronics L9848 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Functional description
L9848
16/27
3.5.1
Serial data output (DO)
This output pin is in a tri-state condition when CS is a logic "0" (LOW). When CS is a logic
"1" (HIGH), this pin always transmits 8bits of data from the fault register to the digital
controller. After the first 8bits data are transmitted the DO output then sequentially transmits
the digital data that was just received (8 SCLK cycles earlier) on the DI pin. The DO output
continues to transmit the 8 SCLK delayed bit data from the DI input until CS eventually
transitions from a logic "1" to a logic "0". DO data changes state 10 ns or later, after the
falling edge of SCLK. By definition, the MSB (Table 3) is the first bit of the byte transmitted
on DO and the LSB is the last bit of the byte transmitted on DO, once CS transitions from a
logic "0" to a logic "1".
3.5.2
Serial data input (DI)
This input takes data from the digital controller while CS is HIGH. The L9848 accepts an 8bit
data stream to command the outputs ON or OFF. By definition, the MSB (Table 1) is the first
bit of each byte received on DI and the LSB is the last bit of each byte received on DI, once
CS transitions from a logic "0" to a logic "1".
3.5.3
Chip select (CS)
This is the chip select input pin. On the rising edge of CS, the DO pin switches from tri-state
to active-out mode. While CS is high, register data is shifted in and shifted out by the DI and
DO pin, respectively, on each subsequent SCLK. On the falling edge of CS, the DO pin
switches back to tri-state mode and the fault register will be "Cleared" if a valid DI byte was
received.
A valid DI byte is defined as such:
1st A multiple of 8 bits was received
2nd SCLK was low when CS went low
3rd Current SPI cycle started when SCLK was low
The fault data is not cleared unless all of the 3 previous conditions have been met. A SCLK
transition must be seen before CS is interpreted as active. To allow sufficient time to reload
the fault registers, the CS pin must remain low for a minimum of 1µs prior to going high
again, before it starts shifting the fault data bits out on the DO pin. CS has an integrated
glitch filter for spurious pulses of 50ns or shorter (i.e. no fault data and Outputs1-8 enable
status will be altered). For open circuit condition the CS is internally pulled down to GND.
3.5.4
Serial clock (SCLK)
This is the clock signal input for synchronization of serial data transfer. DI data is shifted into
the DI input on the rising edge of SCLK and DO data changes on the falling edge of SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com