Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9848 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9848
Description  Octal configurable low/high side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9848 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9848 Datasheet HTML 17Page - STMicroelectronics L9848 Datasheet HTML 18Page - STMicroelectronics L9848 Datasheet HTML 19Page - STMicroelectronics L9848 Datasheet HTML 20Page - STMicroelectronics L9848 Datasheet HTML 21Page - STMicroelectronics L9848 Datasheet HTML 22Page - STMicroelectronics L9848 Datasheet HTML 23Page - STMicroelectronics L9848 Datasheet HTML 24Page - STMicroelectronics L9848 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
L9848
Functional block diagram
21/27
4
Functional block diagram
Figure 8.
L9848 with external components
+5VDC
TO CPU
FROM CPU
VDD
2
IN5
20
IN6
9
DI
15
CS
16
SCLK
14
DO
GND
28
1
C2
0.01
μF
(FAN OUT CAP
50nF)
DRN1
SRC1
DRN1
7
6
7
6
SRC1
or
DRN2
SRC2
DRN2
5
4
5
4
SRC2
or
DRN3
SRC3
DRN3
22
23
22
23
SRC3
or
DRN4
SRC4
DRN4
24
25
26
3
24
25
SRC4
or
DRN7
DRN8
DRN5
SRC5
DRN5
18
19
18
19
SRC5
or
DRN6
SRC6
DRN6
11
10
11
10
SRC6
or
100nF
100nF
100nF
100nF
VBATT
D02AT511A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com