Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9848 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9848
Description  Octal configurable low/high side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9848 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9848 Datasheet HTML 14Page - STMicroelectronics L9848 Datasheet HTML 15Page - STMicroelectronics L9848 Datasheet HTML 16Page - STMicroelectronics L9848 Datasheet HTML 17Page - STMicroelectronics L9848 Datasheet HTML 18Page - STMicroelectronics L9848 Datasheet HTML 19Page - STMicroelectronics L9848 Datasheet HTML 20Page - STMicroelectronics L9848 Datasheet HTML 21Page - STMicroelectronics L9848 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Functional description
L9848
18/27
3.7.1
Initial fault register SPI Cycle
After initial application of VDD to the L9848, the fault register is "Cleared" by the POR
circuitry during the initial SPI cycle, and all subsequent cycles, valid fault data will be clocked
out of DO (fault bits). The bits that are "Set" indicate which particular output(s) have a fault
condition.
3.7.2
Incandescent lamp outputs
Software filtering may be needed to ignore fault signals due to the long turn on delay
associated with lamp loads. For example, the lamp load channel gets enabled during one
SPI cycle. Approximately 20ms-100ms later, a SPI cycle is required to read the correct fault
latch data, which will be cleared after the falling edge of CS of that SPI cycle.
3.8
Configuration for Output1-6
The drain and source pins for each output must be connected in one of the two following
configurations (see Figure 6a and Figure 6b).
3.8.1
Low side drivers
When any combination of Output1-6 are connected in a low side drive configuration the
source of the applicable output (SRC1-6) has to be connected to ground. The drain of the
applicable output (DRN1-6) has to be connected to the low side of the load.
3.8.2
High side drivers
When any combination of Output1-6 are connected in a high side drive configuration the
drain of the applicable output (DRN1-6) has to be connected to VBatt. The source of the
applicable output (SRC1-6) has to be connected to the high side of the load.
3.9
DRN1-6 susceptibility to negative voltage transients
For any output(s) connected and used for a high side drive a fast negative transient slew
rate does not inadvertently issue a POR (power on reset) or cause parasitic latching to
occur. Nevertheless under some conditions it may be necessary to have a ceramic chip
capacitor of 10nF to 100nF connected from drain to GND to aid in preventing the occurance
of a problem due to very fast negative transient(s) on the drain(s) of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com