Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9848 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9848
Description  Octal configurable low/high side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9848 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9848 Datasheet HTML 16Page - STMicroelectronics L9848 Datasheet HTML 17Page - STMicroelectronics L9848 Datasheet HTML 18Page - STMicroelectronics L9848 Datasheet HTML 19Page - STMicroelectronics L9848 Datasheet HTML 20Page - STMicroelectronics L9848 Datasheet HTML 21Page - STMicroelectronics L9848 Datasheet HTML 22Page - STMicroelectronics L9848 Datasheet HTML 23Page - STMicroelectronics L9848 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Functional description
L9848
20/27
3.14
Abnormal voltage conditions
The L9848 survives the following abnormal voltage conditions.
3.14.1
Reverse Battery
applied either directly, or through a load to the drain pins (DRN1-6) with the source pins
(SRC1-6) connected to a load or to ground (cold lamp, solenoid, etc).
3.14.2
Maximum negative transients
that force the drains or sources of the outputs going -20V below the module ground.
3.14.3
Ground offsets
with a maximum of -0.5V to 1.0V between the L9848 ground and any load directly
connected to a chassis ground in the case of high side loads. If driving a low side load there
will not be an offset between the L9848 ground and the load ground. In addition there may
be a maximum ground difference between the L9848 ground and any other module
interfacing with it of -0.5V to 1.0V or ±VAC (10-200Hz).
3.14.4
Loss of ground operation
Any outputs are protected to become active in case of lost ground of the L9848 module with
the supply is still applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com