Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9848 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9848
Description  Octal configurable low/high side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9848 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9848 Datasheet HTML 7Page - STMicroelectronics L9848 Datasheet HTML 8Page - STMicroelectronics L9848 Datasheet HTML 9Page - STMicroelectronics L9848 Datasheet HTML 10Page - STMicroelectronics L9848 Datasheet HTML 11Page - STMicroelectronics L9848 Datasheet HTML 12Page - STMicroelectronics L9848 Datasheet HTML 13Page - STMicroelectronics L9848 Datasheet HTML 14Page - STMicroelectronics L9848 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
L9848
Electrical specifications
11/27
2.4.2
AC characteristics
Table 7.
AC characteristics
(Tj = - 40 °C to 150 °C, VDD = 4.75 V to 5.25 Vdc, VBatt = 9 V to 18 V, unless otherwise
specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
tDRN1-8slewon
tDRN1-8slewoff
Slew rate
(low side)
Turn on
Turn off
See Figure 4 and 5
10
10
25
25
100
100
µs
µs
tDRN1-8delon
tDRN1-8deloff
tDRN1-8deloffon
Delay time
(low side)
Turn on
Turn off
Delta
See Figure 4 and 5
tDRN1-8deloff - tDRN1-8delon
2
10
20
10
50
20
100
60
µs
µs
µs
tSRC1-6slewon
tSRC1-6slewoff
Slew rate
(high side)
Turn on
Turn off
See Figure 4 and 5
10
10
50
25
100
100
µs
µs
tSRC1-6delon
tSRC1-6deloff
tSRC1-6deloffon
Delay time
(high side)
Turn on
Turn Off
Delta
See Figure 4 and 5
tSRC1-6deloff – tSRC1-6delon
2
10
20
50
20
100
60
µs
µs
µs
CDI
CSCLK
Input Capacitance*
20
20
pF
pF
tDOrise
tDOfall
tDOacc
tDOset
tDOhold
tDOdis
Output data (DO)
Rise time
Fall time
Access time
Set up time
Hold time
Disable time
50 pF from DO to GND, see Fig. 6
50 pF from DO to GND, see Fig. 6
50 pF from DO to GND, see Fig. 7
50 pF from DO to GND, see Fig. 7
50 pF from DO to GND, see Fig. 7
No capacitor on DO, see Figure 3
20
10
30
30
70
140
ns
ns
ns
ns
ns
ns
tFltDlyInt
Fault delay time (Internal)
Duration of open/short fault until
Fault Bit is ”Set”
100
300
µs
tthFltDlyInt
Thermal fault delay time
(Internal)
Duration of thermal fault until
Fault Bit is ”Set”
40
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com