Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9945_V01 Datasheet HTML 9Page - STMicroelectronics L9945_V01 Datasheet HTML 10Page - STMicroelectronics L9945_V01 Datasheet HTML 11Page - STMicroelectronics L9945_V01 Datasheet HTML 12Page - STMicroelectronics L9945_V01 Datasheet HTML 13Page - STMicroelectronics L9945_V01 Datasheet HTML 14Page - STMicroelectronics L9945_V01 Datasheet HTML 15Page - STMicroelectronics L9945_V01 Datasheet HTML 16Page - STMicroelectronics L9945_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 144 page
background image
4
Product electrical and thermal characteristics
This section contains the Absolute Maximum Ratings (AMR), the latch-up trials, the ESD classification and the
range of functionality of the device. The information provided here refers to the global behavior of the device. For
specific information about the electrical characteristics of each interface/component, refer to the related section of
the datasheet.
4.1
Absolute maximum ratings
Within the maximum ratings, no damage to the component or latch-up occurs and the defined leakage currents
won't be exceeded. However, the full functionality of the device is guaranteed only in the functional range.
This part may be irreparably damaged if taken outside the specified absolute maximum ratings. Operation above
the absolute maximum ratings may also cause a decrease in reliability.
Note:
A negative current is flowing out of the L9945, a positive current into the L9945.
Table 2. Absolute maximum ratings capability
Symbol
Parameter description
Comment
Min. Max. Unit
Supply Pins
VDD5
VDD5 voltage range
-0.3
40
V
VVPS_sta
Static VPS voltage range
Ext. HS, Static
Max voltage:
VGBHI – VPS = 20 V
-1
60
V
VVPS_dyn
Dynamic VPS voltage range
Dynamic; 2 ms test pulse 1
-2
60
V
IPS_leak
Leakage on pin VPS
POR or NRES active; VPS = [0 – 36] V
0
20
µA
VGBHI
VGBHI voltage range (Ch. Pump)
Max voltage:
VGBHI – VPS = 20 V
-0.3
80
V
VVIO
VIO voltage range
Supply for SDO
-0.3
40
V
Output Pre-Driver
VSNGPx
SNGPx voltage range
Max voltage:
GNSPx - SNGPx = 20 V (in all conditions)
BATTxx – SNGPx ≥ 0 V (When DSM is used for OC detection)
-14
60
V
VGNSPx
GNSPx voltage range
Max voltage:
GNSPx - SNGPx = 20 V
-14
80
V
VDRNx
DRNx voltage range
-
-20
60
V
VBATTxx
BATTxx voltage range
Max voltage:
BATTxx – SNGPx ≥ 0 V
When DSM is used for OC detection
-1
60
V
Ground pins: GND, GNDIO, GNDCP, PGNDxx
VGND_PINS Ground voltage range
-
-0.3
0.3
V
Charge Pump
VCH1&3
CH1 & CH3
-
-0.3
60
V
VCH2&4
CH2 & CH4
Max voltage:
CH2 - VPS = 20 V
CH4 - CH2 = 20 V
VGBHI - CH4 = 20 V
-0.3
80
V
L9945
Product electrical and thermal characteristics
DS12275 - Rev 10
page 13/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com