Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9945_V01 Datasheet HTML 18Page - STMicroelectronics L9945_V01 Datasheet HTML 19Page - STMicroelectronics L9945_V01 Datasheet HTML 20Page - STMicroelectronics L9945_V01 Datasheet HTML 21Page - STMicroelectronics L9945_V01 Datasheet HTML 22Page - STMicroelectronics L9945_V01 Datasheet HTML 23Page - STMicroelectronics L9945_V01 Datasheet HTML 24Page - STMicroelectronics L9945_V01 Datasheet HTML 25Page - STMicroelectronics L9945_V01 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 144 page
background image
Note:
Tj = Tj_op; VVPS_UV < VVPS < 60 V, all supplies are independent; 4.5 V < VDD5 < 5.5 V; 3.0 V < VIO < 5.5 V,
unless otherwise noted.
Table 11. Charge pump electrical characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VVGBHI
Charge pump voltage versus charge
pump load current
VVPS ≥ 8 V; IVGBHI = 15 mA (DC)
VVPS+9
VVPS+12 VVPS+16
V
VVPS_UV ≤ VVPS < 8 V; IVGBHI = 6 mA
(DC)
VVPS+5
-
VVPS+16
V
fCP
Charge pump frequency
Dependent on tSYS
184
200
216
kHz
CTANK
Charge pump tank capacitor
Connected to VPS IVGBHI = 15 mA
420
470
520
nF
CFLY
Charge pump flying capacitors
Connected between
CH1-CH2, CH3-CH4; IVGBHI = 15 mA
198
220
242
nF
VCP_UV
Under voltage threshold
Referenced to VVPS
VVPS+3.9
-
VVPS+5.1
V
VhCP_UV
Under voltage hysteresis
Referenced to VVPS
250
-
mV
tCP_UV
Under voltage filter time
-
10
-
30
µs
VVGBHI_MAX Charge pump max voltage
Referenced to GND
-
-
80
V
tCPstartup
Startup time
-
-
-
2
ms
IBIAS_ON
Internal absorption in when VGNSPx =
ON
Design info. Not tested in ATE
-
-
530
µA
IBIAS_OFF
Internal absorption in when VGNSPx =
OFF
Design info. Not tested in ATE
-
-
480
µA
5.2.5
VIO supply pin & SDO pin characteristics
The VIO supply pin is used to feed SDO output driver. It can be connected either to 5 V or 3.3 V supply, in order
to be compatible with different external I/O logic.
In case of an overvoltage condition at the SDO output, the SDO driver is switched off and eventual back feeding
current towards VIO is blocked. Once the over-voltage is removed from SDO-pin, the output is re-activated at
NCS low-to-high transition. SDO overvoltage event is latched in SDO_OV_LATCH, cleared via SPI readout.
Table below lists the electrical characteristics for the SDO output pin.
Note:
Tj = Tj_op; VVPS_UV < VVPS < 60 V, all supplies are independent; 4.5 V < VDD5 < 5.5 V; 3.0 V < VIO < 5.5 V,
unless otherwise noted.
Table 12. SDO pin electrical characteristics
Symbol
Parameter
Test condition
Min.
Max.
Unit
tsdo_trans
SDO Rise and Fall time
CLOAD = 20 to 150 pF
5
35
ns
tpcld
Propagation delay – incl. Rise/Fall time
(SCLK to data at SDO active)
CLOAD = 150 pF
-
50
ns
tcsdv
NCS = LOW to output SDO active
CLOAD = 150 pF
-
90
ns
tpchdz
NCS L/H to SDO @ high impedance
-
-
75
ns
CIN_SPI
Input capacitance at SDI; SDO; SCLK;
NCS
-
-
10
pF
VSDOH
High output level
ISDO = -2 mA
VIO - 0.4 V
-
V
VSDOL
Low output level
ISDO = 3.2 mA
0.4
V
ISDO_Leak
Tri state leakage current
NCS = HIGH;
0 < VSDO < VIO – 0.3 V
-5
5
µA
L9945
Functional description
DS12275 - Rev 10
page 22/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com