Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9945_V01 Datasheet HTML 28Page - STMicroelectronics L9945_V01 Datasheet HTML 29Page - STMicroelectronics L9945_V01 Datasheet HTML 30Page - STMicroelectronics L9945_V01 Datasheet HTML 31Page - STMicroelectronics L9945_V01 Datasheet HTML 32Page - STMicroelectronics L9945_V01 Datasheet HTML 33Page - STMicroelectronics L9945_V01 Datasheet HTML 34Page - STMicroelectronics L9945_V01 Datasheet HTML 35Page - STMicroelectronics L9945_V01 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 144 page
background image
Figure 16. OC detection strategies for H-Bridge: (left) one shunt resistor for LS, DSM for HS; (center) two shunt
resistors; (right) DSM
M
GND
Rshunt
M
GND
VBR
Rshunt
M
GND
VBR
Rshunt
GADG2802170759PS
CH1_OC
Out1(HB+)
CH3_OC
CH3
CH1
CH2_OC
VBR
Q1
Q2
Out2(HB-)
CH2
Q3
Q4
CH4
CH4_OC
CH1_OC
Out1(HB+)
CH3_OC
CH3
CH1
Q3
Q1
CH2_OC
Q4
Q2
Out2(HB-)
CH4_OC
CH4
CH2
CH1_OC
Out1(HB+)
CH3_OC
CH3
CH1
Q3
Q1
CH2_OC
Q4
Q2
Out2(HB-)
CH4_OC
CH4
CH2
When shunt measurement is selected, current limitation feature is available.
•
In case current limitation feature is enabled (HBx_ILIM_en = 1), the comparator on CH3/CH7 is used for
current limitation while the one on CH4/CH8 detects OC. In order to guarantee full protection of the load
and the FETs, CH4/CH8 overcurrent comparator is enabled even if transistor is OFF phase. Therefore, in
case Rshunt is shorted to battery, the OC event will be immediately detected;
•
In case current limitation feature is disabled (HBx_ILIM_en = 0), both LS channels are used for OC
detection. OC comparators are active only in the ON phase of the transistors.
OC detection timings depend on the selected sensing strategy, as explained in Section 6.3.3: OC sensing
strategy. Once an actual OC event has been recognized, behavior depends on the current limitation feature:
•
If HBx_ILIM_en = 0, the current limitation feature is disabled and the H-Bridge is three-stated (all FETs
actively OFF, load floating);
•
If HBx_ILIM_en = 1, the current limitation feature is enabled. The device will limit the current one more
time after OC threshold crossing and, in case of failure still persisting, the H-Bridge is three-stated (all FETs
actively OFF, load floating) after tOC + tOFF (refer to Figure 18).
5.5.6
Current limitation for H-Bridge
Current limitation feature is able to limit the maximum current in the load modulating the NPWM signal, as shown
in Figure 17. This allows keeping the current of the load below the current limitation threshold (ILIM_th). Current
limitation function is available only when shunt measurement is selected and can be activated setting
HBx_ILIM_en = 1.
Current limitation threshold (I LIM_th) is set by OC_config_03 [5-0] bit for H-bridge 1 and OC_config_07 [5-0] bit
for H-Bridge 2. Hence, channel 3 is no longer used for OC detection in H-Bridge 1, but it activates the current
limitation. The same function is implemented on channel 7 in H-Bridge 2.
L9945
Functional description
DS12275 - Rev 10
page 32/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com