Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9945_V01 Datasheet HTML 17Page - STMicroelectronics L9945_V01 Datasheet HTML 18Page - STMicroelectronics L9945_V01 Datasheet HTML 19Page - STMicroelectronics L9945_V01 Datasheet HTML 20Page - STMicroelectronics L9945_V01 Datasheet HTML 21Page - STMicroelectronics L9945_V01 Datasheet HTML 22Page - STMicroelectronics L9945_V01 Datasheet HTML 23Page - STMicroelectronics L9945_V01 Datasheet HTML 24Page - STMicroelectronics L9945_V01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 144 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tVPS_react
VPS Comparator output reaction time
-
100
-
700
ns
tLBD_FIL
Filter time for VPS low battery detection
-
0.5
-
5
µs
5.2.3
VPS ADC
The device has an internal ADC monitoring VPS. Measure is obtained reading VPS_ADC[x] bit and applying the
following conversion law:
Eq. (2): Battery monitor conversion law
VPS=0.048×CODE
(2)
The table below reports the electrical characteristics of the VPS ADC.
Note:
Tj = Tj_op; all supplies are independent; 4.5 V < VDD5 < 5.5 V; 3.0 V < VIO < 5.5 V, unless otherwise noted.
Table 10. VPS ADC electrical characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ADC_res
Resolution
-
-
10
-
bit
fADC
Conversion rate
-
-
62.5
-
kHz
VPS_ADC_in
Input range VVPS
-
0
-
48
V
VPS_ACC
VVPS accuracy
3.5 V < VVPS < 12 V
-400
-
400
mV
12 V < VVPS < 48 V
-3.3
-
3.3
%
5.2.4
Charge pump (VGBHI)
To effectively bias the high side drivers and fail safe switch, a charge pump is used to drive the gate voltage
above VPS. The charge pump switching frequency is nominally 200 KHz.
A built-in monitoring circuit checks if the charge pump output voltage is sufficient to control the high side valve
driver. In case of undervoltage (VGBHI < VCP_UV), the outputs are actively turned off and VCP_UV_LATCH is
set (readable via SPI, cleared on readout). The output of the undervoltage comparator can be monitored reading
VCP_UV_STATE via SPI.
At power ON, the charge pump is enabled when VDD5 is above VPOR and NRES is not asserted.
Figure 11. Charge pump connections
Ratings:
CTANK: 16 V
CFLY1, CFLY2: 50 V for 12 V systems, 100 V for 48 V and 24 V systems.
X
Charge Pump
X
X
X
X
X
CTANK
CH1
CH2
CH3
CH4
VGBHI
VPS
Battery
CFLY1
CFLY2
The table below lists the electrical characteristics of the charge pump:
L9945
Functional description
DS12275 - Rev 10
page 21/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com