Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9945_V01 Datasheet HTML 16Page - STMicroelectronics L9945_V01 Datasheet HTML 17Page - STMicroelectronics L9945_V01 Datasheet HTML 18Page - STMicroelectronics L9945_V01 Datasheet HTML 19Page - STMicroelectronics L9945_V01 Datasheet HTML 20Page - STMicroelectronics L9945_V01 Datasheet HTML 21Page - STMicroelectronics L9945_V01 Datasheet HTML 22Page - STMicroelectronics L9945_V01 Datasheet HTML 23Page - STMicroelectronics L9945_V01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 144 page
background image
•
VDD_int_a is generated out of VDD5. It is the overvoltage protected internal supply of the low voltage
analog part, such as diagnostic comparators, gate drives for integrated low-side, bias currents, bandgap
etc.;
•
VDD_int_d is generated out of VDD5. It is the overvoltage protected internal supply for the digital part.
The component starts operation when VDD5 is higher than the power-on reset threshold (VPOR). Details about
the reset block are given in the Section 5.3: Reset.
The VDD5 is monitored to generate over (OV) and under voltage (UV) disable in case of fault. The disable signal
acts both internally and externally: in case of output disable due to failure on VDD5, the NDIS bidirectional pin is
internally pulled down. The purpose is providing a feedback to the external microcontroller monitoring the device
status. Detailed information about disable sources is given in the Section 6.1: Disable sources paragraph.
Range of characteristic is defined for VDD5 from 4.5 V to 5.5 V. In this range, the component works according to
the specification without any restrictions and all parameters are in the specified range.
The table below lists the electrical characteristics of the VDD5 supply block.
Note:
Tj = Tj_op; VVPS_UV < VVPS < 60 V, all supplies are independent; 4.5 V < VDD5 < 5.5 V; 3.0 V < VIO < 5.5 V,
unless otherwise noted.
Table 8. VDD5 supply block electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IVDD5_opm
VDD5 operating mode current
All outputs controlled ON
7
-
35
mA
IVDD5OV
VDD5 current in case of overvoltage
5.5 V < VDD5 ≤ 36 V
8
-
40
mA
VVDD5_UV
VDD5 UV threshold
Undervoltage
4.5
-
4.7
V
VVDD5_UV_HYS
VDD5 UV hysteresis
VVDD5_UV
10
-
50
mV
tVDD5_UV1
VDD5 undervoltage filter time
-
2
2.6
3.25
ms
tVDD5_UV_react
VDD5_UV Comparator output reaction time
-
100
-
700
ns
tVDD5_UV2
VDD5 under voltage filter time for NDIS activation
-
415
500
625
ms
VVDD5_OV
VDD5 overvoltage disable threshold
Self-checked by HWSC
5.3
-
5.5
V
VVDD5_OV_HYS
VDD5 OV disable hysteresis
-
10
-
50
mV
tVDD5_OV
VDD5 overvoltage filter time
-
2.0
2.6
3.25
ms
tVDD5_OV_react
VDD5_OV Comparator output reaction time
-
100
-
700
ns
VPOR
POR release threshold
Related to VDD5
4.15
-
4.45
V
VPOR_HYS
POR hysteresis
-
0.15
-
0.25
V
tPOR_D
POR RESET delay time
POR delay at startup of VDD5
10
-
50
µs
5.2.2
VPS supply block
The VPS pin is a battery supply. It is used for the internal charge pump to drive the N-channel external MOSFETs.
The VPS line is monitored to detect low voltage on VPS. In case the voltage on VPS is lower than VVPS_UV the
pre-drivers are actively turned off. Such event is latched in VPS_LATCH, cleared on SPI readout. The
undervoltage comparator output can be monitored reading VPS_STATE bit via SPI.
The table below lists the electrical characteristics for the VPS supply block:
Note:
Tj = Tj_op; VVPS_UV < VVPS < 60 V, all supplies are independent; 4.5 V < VDD5 < 5.5 V; 3.0 V < VIO < 5.5 V,
unless otherwise noted.
Table 9. VPS supply block electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IVPS_OPM
VPS operating mode current
-
3
-
50
mA
VVPS_UV
VPS low battery detection threshold
-
3.5
-
3.8
V
L9945
Functional description
DS12275 - Rev 10
page 20/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com