Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9945_V01 Datasheet HTML 36Page - STMicroelectronics L9945_V01 Datasheet HTML 37Page - STMicroelectronics L9945_V01 Datasheet HTML 38Page - STMicroelectronics L9945_V01 Datasheet HTML 39Page - STMicroelectronics L9945_V01 Datasheet HTML 40Page - STMicroelectronics L9945_V01 Datasheet HTML 41Page - STMicroelectronics L9945_V01 Datasheet HTML 42Page - STMicroelectronics L9945_V01 Datasheet HTML 43Page - STMicroelectronics L9945_V01 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 144 page
background image
5.9
Serial Peripheral Interface (SPI)
The device is equipped with a Serial Peripheral Interface implementing a 32-bit, synchronous, full duplex, serial
protocol. The interface is used to configure the device by programming its internal registers. Device status and
diagnostic information can also be read via SPI.
5.9.1
SPI Quick Look
Table 27. SPI quick look
Parameter
Value
Frame length
32 bit or multiple
SPI Mode
Mode 1 (CPOL = 0 & CPHA = 1)
Max Frequency
5 MHz
Protocol
Out of frame
Chip Select Signal Active State
Active Low
Endianess
MSB first
The SPI can work in two different ways: parallel operation and daisy chain. These two methods can co-exist, as
shown in Figure 20, where a parallel communication is implemented between a master device and three sub-
blocks. Two of them are daisy chains while the last one is made of a single device. In the example, three Chip
Select (CS) wires are used for communicating with 6 devices.
5.9.2
Parallel operation
In parallel operation the communication is performed between a device, named master and one or more devices,
named slaves. The master can start/stop the communication and generates the clock signal. Each slave device
has a dedicated chip select (CS) signal, used to address the communication between the master and the selected
slave.
5.9.3
Daisy chain
In daisy chain configuration, master device can communicate with several slaves using only one wire for chip
select (CS). All the slaves in the daisy chain are selected when the CS is in the active state. The serial output line
of every slave is connected to the serial input line of the following device. This means that data shifted out by a
device is shifted in the following one. For instance, after each 32 clock chunk, an entire frame is transferred from
a slave to another. Example given, if a three devices chain is implemented, after 96 clock pulses, the master will
program the slaves by shifting out three different frames (each one made up of 32 bits). The first frame shifted out
of the master will reach the last device of the chain, the second frame will reach the mid device while the third
frame will be shifted into the first member of the chain (refer to Figure 21).
L9945
Functional description
DS12275 - Rev 10
page 40/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com