Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9945_V01 Datasheet HTML 24Page - STMicroelectronics L9945_V01 Datasheet HTML 25Page - STMicroelectronics L9945_V01 Datasheet HTML 26Page - STMicroelectronics L9945_V01 Datasheet HTML 27Page - STMicroelectronics L9945_V01 Datasheet HTML 28Page - STMicroelectronics L9945_V01 Datasheet HTML 29Page - STMicroelectronics L9945_V01 Datasheet HTML 30Page - STMicroelectronics L9945_V01 Datasheet HTML 31Page - STMicroelectronics L9945_V01 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 144 page
background image
5.5.1
H-Bridge driving modes
The H-Bridge must be controlled via the external NONx pins. Such inputs have different meanings while in H-
Bridge mode:
Table 16. NONx signals in H-bridge configuration
HB1
HB2
Signal description
NON1
NON5
NPWM – Negative asserted Pulse Width Modulation signal
NON2
NON6
DIR – Direction signal
NON3
NON7
HiZ – High Impedance (all FETs actively switched off, load floating)
NON4
NON8
Not used
Any attempt to control channels via SPI is ignored while H-Bridge mode is active.
In driving mode the H-bridge work according to the following table:
Table 17. Truth table
HiZ
DIR
NPWM
HBx_AFW
Q1
Q2
Q3
Q4
Load’s driving direction
0
0
0
X (1)
OFF
ON
ON
OFF
Reverse
0
0
1
0
OFF
OFF
ON
OFF
Freewheeling (reverse)
0
0
1
1
OFF
OFF
ON
ON
Active freewheeling (reverse)
0
1
0
X
ON
OFF
OFF
ON
Forward
0
1
1
0
OFF
OFF
OFF
ON
Freewheeling (forward)
0
1
1
1
OFF
OFF
ON
ON
Active freewheeling (forward)
1
X
X
X
OFF
OFF
OFF
OFF
High Impedance
1. X = don't care.
The freewheeling is performed on low side, as shown in Figure 15. Software brake mode can be performed by
setting the active freewheeling bit (HBx_AFW).
L9945
Functional description
DS12275 - Rev 10
page 28/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com