Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 117 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 113Page - STMicroelectronics L9945 Datasheet HTML 114Page - STMicroelectronics L9945 Datasheet HTML 115Page - STMicroelectronics L9945 Datasheet HTML 116Page - STMicroelectronics L9945 Datasheet HTML 117Page - STMicroelectronics L9945 Datasheet HTML 118Page - STMicroelectronics L9945 Datasheet HTML 119Page - STMicroelectronics L9945 Datasheet HTML 120Page - STMicroelectronics L9945 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 144 page
background image
GCC_override_config
IPU or IPD [mA]
1
1 → 20
5 → 20
Note:
IPU is used to shut down PMOS, while IPD shuts down NMOS.
The GCC override configuration is applied as soon as an OC event is detected. The original GCC configuration is
restored once diagnostics have been read.
6.3.2
Output re-engagement strategy after an OC event
After an OC event, the affected output must be manually re-engaged. There are two reactivation strategies,
configurable via SPI bit prot_config_xx:
•
Output re-engagement with control signal switching event (default);
•
Output re-engagement after diagnostic readout and control signal switching event.
In case of H-Bridge configuration, the prot_config_xx has no effect. Re-engagement is always performed after
diagnostic readout.
Note:
Control signal can be either NONx or SPI_ON_OUTxx, depending on SPI_INPUT_SEL_xx bit
6.3.3
OC sensing strategy
OC detection is performed by sensing the voltage either on an external shunt resistor or between the drain and
the source of the external FET. Detection strategy can be selected on each channel independently by
programming the OC_DS_Shunt_xx bit as follows:
Table 38. OC sensing strategy
OC_DS_Shunt_xx
OC sensing strategy
0
Drain To Source Measurement (DSM)
1
Shunt Measurement
Figure 30. Overcurrent sensing method (example on a LS NMOS)
BATT34
OC_DS_SHUNT = 0 → VDS
OC_DS_SHUNT = 1 → VSH
LS NMOS
DRN3
VBATT
GNSP3
SNGP3
RG
RPD
CM
RM
RSH
GND
DFW
CESD
PGND34
GADG0806171536PS
The following behaviors correspond to the different sensing methods (refer to Figure 31):
L9945
Safety & diagnostics
DS12275 - Rev 10
page 117/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com