Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 118 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 114Page - STMicroelectronics L9945 Datasheet HTML 115Page - STMicroelectronics L9945 Datasheet HTML 116Page - STMicroelectronics L9945 Datasheet HTML 117Page - STMicroelectronics L9945 Datasheet HTML 118Page - STMicroelectronics L9945 Datasheet HTML 119Page - STMicroelectronics L9945 Datasheet HTML 120Page - STMicroelectronics L9945 Datasheet HTML 121Page - STMicroelectronics L9945 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 144 page
background image
•
In case Rshunt is selected, the Vsense behavior during the OFF==>ON transition corresponds to an
ascending transient. In case the FET current crosses the OC threshold with a positive slope, tBLANK_OC is
stopped and tOC is started. The OC detection will be mainly based on tFIL_ON and tOC parameters. The
former is a deglitch filter to avoid small overshoots on the shunt resistor due to inductive effects, while the
latter represents the actual OC blanking time. An OC event lasting tFIL_ON+tOC will be detected and the
output switched OFF: the programmed tBLANK_OC will have no effect on the OC reaction time. Only in case
Peak & Hold configuration is selected and the OC event occurs while tBLANK_OC is still running, an ‘OC pin
failure’ (000) will be reported instead of simple ‘OC failure’ (001). However, reaction time won’t be affected.
•
In case DSM is selected, the Vsense behavior during the OFF==>ON transition corresponds to a falling
transient. Once tBLANK_OC has expired, the VDS will be compared to the OC threshold and, if greater, the
output will be shut OFF. Hence, tBLANK_OC must be sized to allow VDS settling. In order to ensure
maximum FET protection against critical OC events during blanking time, an OC threshold crossing with a
positive slope will stop the tblank_oc and engage the tOC filter.
Figure 31. Rshunt and DSM method diagram
GADG3108170806PS
OC THRESHOLD
VSH
t
RSH method, tblank running
OC EVENT
SWITCH ON
NORMAL VALUE
SHUT OFF
OC THRESHOLD
VDS
t
DMS method, tblank running
OC EVENT
SHUT OFF
SWITCH ON
NORMAL VALUE
6.3.4
OC threshold selection
The voltage corresponding to the OC threshold can be selected independently for each channel programming the
OC_config_xx bit. Such threshold is highly flexible: it is encoded on 6 bits (64 available values) and falls in the
[50 - 1000] mV range.
Table 39. Overcurrent threshold selection electrical parameters
Symbol
Parameter
Min.
Typ.
Max.
Unit
VOC_RANGE
Range
50
-
1000
mV
OC_RES
Resolution
-
6
-
Bit
tSETTLING
Threshold settling Time
5
-
18
µs
Refer to Table 40 for the encoding tables for LS and HS configurations. Overcurrent threshold must be
programmed according to the Eq. (3):
Eq. (3): Overcurrent threshold
VOC=ROC×IOC
(3)
where VOC is the value programmed in the OC_config_xx bit, IOC is the maximum current for the given
application and ROC can be either RSH (shunt resistor) or RDSon (DSM).
Note:
For H-Bridge configuration, refer to Overcurrent detection strategies for H-Bridge and Current limitation for H-
Bridge to understand how OC thresholds can be programmed and exploited also for current limitation feature.
L9945
Safety & diagnostics
DS12275 - Rev 10
page 118/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com