Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 127 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 123Page - STMicroelectronics L9945 Datasheet HTML 124Page - STMicroelectronics L9945 Datasheet HTML 125Page - STMicroelectronics L9945 Datasheet HTML 126Page - STMicroelectronics L9945 Datasheet HTML 127Page - STMicroelectronics L9945 Datasheet HTML 128Page - STMicroelectronics L9945 Datasheet HTML 129Page - STMicroelectronics L9945 Datasheet HTML 130Page - STMicroelectronics L9945 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 144 page
background image
Figure 36. Deglitch and settling filter times for OFF state diagnostics: (left) STG detection on LS; (right) STB detection
on HS
t
t
t
t
t
t
Transient
fault
t
t
GADG1303170949PS
No OL/STG
transition
ON → OFF
DIAG
t
FIL_OFF
t
OL
V
LVT
V
LS OFF Diagnostics
Vout
Fast charge
fault
Transient
counter
Settling
filter
Deglitch
STG
fault
Permanent
No OL/STB
transition
ON → OFF
discharge
Fast
counter
Settling
filter
Deglitch
DIAG
t
FIL_OFF
t
OL
V
LVT
V
HS OFF Diagnostics
Vout
STB
fault
Permanent
Note:
Vout corresponds to DRNx pin for LS NMOS and HS PMOS configurations, while it's SNGPx pin for HS NMOS
configuration.
6.4.2
Diagnostic thresholds
The diagnostic thresholds are fixed, as shown in the table below. They have been designed in tracking, thus both
spreading in the same direction.
Table 45. OFF state diagnostic thresholds
Symbol
Parameter
Min.
Max.
Unit
VLVT
Threshold for:
•
STG detection in LS config (Vout < VLVT)
•
OL detection in HS/LS config (VLVT < Vout < VOL)
1.9
2.3
V
VOL
Threshold for:
•
STB detection in HS config (Vout > VOL)
•
OL detection in HS/LS config (VLVT < Vout < VOL)
2.8
3.4
V
Note:
Vout corresponds to DRNx pin for LS NMOS and HS PMOS configurations, while it's SNGPx pin for HS NMOS
configuration.
6.4.3
Internal regulator for open load (OL) detection
Each channel features an internal regulator with limited current capability that regulates the output node voltage
Vout around VOUT_OL, which falls in the middle of the [VLVT; VOL] range. OL regulators are always ON,
independently on the ENABLE_DIAGNOSTIC bit value.
L9945
Safety & diagnostics
DS12275 - Rev 10
page 127/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com