Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 129 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 125Page - STMicroelectronics L9945 Datasheet HTML 126Page - STMicroelectronics L9945 Datasheet HTML 127Page - STMicroelectronics L9945 Datasheet HTML 128Page - STMicroelectronics L9945 Datasheet HTML 129Page - STMicroelectronics L9945 Datasheet HTML 130Page - STMicroelectronics L9945 Datasheet HTML 131Page - STMicroelectronics L9945 Datasheet HTML 132Page - STMicroelectronics L9945 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 144 page
background image
Figure 37. OFF state output regulator for OL detection. Example of operation on HS
GADG1303171115PS
BATT12
HS NMOS
DRN1
VBATT
GNSP1
SNGP1
RG
RPD
CM
RM
GND
DFW
CBATT
GND
GND
CEMI
GND
OUT1
VOUT_OL
GND
V3V3A
Device side
Board side
IDIAG
IFAST_DIS
Vout V
≈ OUT_OL
GND
V3V3A
VOL
IN
<tDIAG
CK
t
1
GND
IFAST_DIS
ON OFF
1  0
RES
EN
R
S
Q
Vout
deglitch
EN
Figure 38. OFF state output regulator for OL detection. Example of operation on LS
BATT34
LS NMOS
DRN3
VBATT
GND
D1
ESH2D
CESD
OUT3
VOUT_OL
GND
V3V3A
Device side
Board side
IDIAG
IFAST_CHG
Vout V
≈ OUT_OL
GND
V3V3A
V3V3A
VLVT
IN
<tDIAG
CK
t
1
IFAST_CHG
ON OFF
1  0
RES
EN
R
S
Q
Vout
deglitch
EN
GNSP3
SNGP3
PGND14
RG
RPD
CM
RM
GADG1303171127PS
L9945
Safety & diagnostics
DS12275 - Rev 10
page 129/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com