Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945TR Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 40Page - STMicroelectronics L9945TR Datasheet HTML 41Page - STMicroelectronics L9945TR Datasheet HTML 42Page - STMicroelectronics L9945TR Datasheet HTML 43Page - STMicroelectronics L9945TR Datasheet HTML 44Page - STMicroelectronics L9945TR Datasheet HTML 45Page - STMicroelectronics L9945TR Datasheet HTML 46Page - STMicroelectronics L9945TR Datasheet HTML 47Page - STMicroelectronics L9945TR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 144 page
background image
5.10
SPI MOSI/MISO list
The following paragraph contains the SPI MOSI and MISO list. Each frame consists of 32 bits with odd parity.
Protocol is out of frame. The following table contains links to SPI commands that can be sent on MOSI line, along
with their description. The corresponding answers issued by the device on MISO line are also described and
linked on the right columns.
Note:
All MISO default values have been scanned performing read only requests ("R/W" = 1).
Table 30. SPI MOSI list
MOSI
Request
Answer
MISO
COMMAND 0
Spread spectrum and diagnostic enable,OUT1-8
control, input selection and protection disable
Spread spectrum and diagnostic enable, input
selection, protection disable and output voltage
status
RESPONSE 0
COMMAND 1 OUT1 configuration and H-Bridge 1 diagnostic time
OUT1 configuration and H-Bridge 1 diagnostic time
RESPONSE 1
COMMAND 2
OUT2 configuration, H-Bridge 1 current limitation
timing, BCF selection
OUT2 configuration, H-Bridge 1 current limitation
timing, BCF selection
RESPONSE 2
COMMAND 3
OUT3 configuration, H-Bridge 1 current limitation
enable and active freewheeling, gate charge/
discharge current override
OUT3 configuration, H-Bridge 1 current limitation
enable and active freewheeling, gate charge/
discharge current override
RESPONSE 3
COMMAND 4
OUT4 configuration, P&H1 configuration, H-Bridge 1
enable
OUT4 configuration, P&H1 configuration, H-Bridge 1
enable
RESPONSE 4
COMMAND 5 OUT 5 configuration and H-Bridge 2 diagnostic time
OUT 5 configuration and H-Bridge 2 diagnostic time
RESPONSE 5
COMMAND 6
OUT6 configuration, H-Bridge 2 current limitation
timing
OUT6 configuration, H-Bridge 2 current limitation
timing
RESPONSE 6
COMMAND 7
OUT7 configuration, H-Bridge 2 current limitation
enable and active freewheeling
OUT7 configuration, H-Bridge 2 current limitation
enable and active freewheeling
RESPONSE 7
COMMAND 8
OUT8 configuration, P&H2 configuration, H-Bridge 2
enable
OUT8 configuration, P&H2 configuration, H-Bridge 2
enable
RESPONSE 8
COMMAND 9 Diagnostic read and diagnostic pulses
H-Bridge1-2 current limitation latches and channels
diagnostic status
RESPONSE 9
COMMAND 10 BIST request and CC enable
BIST & HWSC result and device status
RESPONSE 10
COMMAND 11 Channel 1-4 control signal integrity
Channel 1-4 control signal integrity
RESPONSE 11
COMMAND 12 Channel 5-8 control signal integrity
Channel 5-8 control signal integrity
RESPONSE 12
COMMAND 13 Device status, battery and temperature monitor
Device status, battery and temperature monitor
RESPONSE 13
Note:
ΔT = TjFET: Tj
TjFET = junction temperature of the external FET
Tj = junction temperature of the device.
L9945
Functional description
DS12275 - Rev 10
page 44/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com