Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945TR Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 35Page - STMicroelectronics L9945TR Datasheet HTML 36Page - STMicroelectronics L9945TR Datasheet HTML 37Page - STMicroelectronics L9945TR Datasheet HTML 38Page - STMicroelectronics L9945TR Datasheet HTML 39Page - STMicroelectronics L9945TR Datasheet HTML 40Page - STMicroelectronics L9945TR Datasheet HTML 41Page - STMicroelectronics L9945TR Datasheet HTML 42Page - STMicroelectronics L9945TR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 144 page
background image
Table 25. Internal oscillator electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
fMAIN_CLK1
Clock Frequency
-
-
10
-
MHz
tolMAIN_CLK
Tolerance of frequency of internal clock oscillator
Spread spectrum disabled;
4.5 V < VVDD5 ≤ 36 V
-7.7 fMAIN_CLK1
7.7
%
fMOD_range_MAIN Clock frequency modulation range spread spectrum enabled
-
-4
-
4
%
fMOD_MAIN
Spread spectrum modulation frequency
-
-
80
-
kHz
5.8
Digital I/Os
Table 1 reports each pin functionality, along with the pull-up/pull-down implementation. Back supply current into
any digital pin is not allowed.
For detailed information about the functionality of the SPI related pins (SCK, SDI, SDO, NCS), refer to Serial
Peripheral Interface (SPI). For the electrical characteristics of the SDO output refer to VIO supply pin & SDO pin
characteristics.
For detailed information about the functionality of the reset pin (NRES), refer to Reset.
For detailed information about the functionality of the channel control pins (NONx and EN6), refer to Output pre-
drivers.
For detailed information about the functionality of the device disable pins (DIS and NDIS), refer to Disable
sources.
5.8.1
Digital I/Os electrical characteristics
The table below lists the electrical characteristics for the digital pins.
Note:
Tj = Tj_op; VVPS_UV < VVPS < 60 V, all supplies are independent; 4.5 V < VDD5 < 5.5 V; 3.0 V < VIO < 5.5 V,
unless otherwise noted.
Table 26. Digital I/Os electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VIN_L
Low input level
-
-
-
0.75
V
VIN_H
High input level
-
1.75
-
-
V
VIN_HYS
Hysteresis
-
0.1
-
0.5
V
IPU
Input pull-up current source
NONx, NRES, DIS, NCS, SDI, SCK
-30
-
-100
µA
IPD
Input pull-down current sink
NDIS, EN6
30
-
100
µA
tFIL_a
Filter time
Applies to NRES, DIS, NDIS
0.5
-
5.0
μs
VNDISL
Low output level for NDIS bidirectional pin
VDD5 > VPOR; INDIS = 5 mA
-
-
0.4
V
Note:
The NDIS bidirectional pin features internal protection against overvoltage when used as output. Such electrical
characteristics are listed in the DIS & NDIS pins paragraph.
L9945
Functional description
DS12275 - Rev 10
page 39/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com