Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 19Page - STMicroelectronics L9945TR Datasheet HTML 20Page - STMicroelectronics L9945TR Datasheet HTML 21Page - STMicroelectronics L9945TR Datasheet HTML 22Page - STMicroelectronics L9945TR Datasheet HTML 23Page - STMicroelectronics L9945TR Datasheet HTML 24Page - STMicroelectronics L9945TR Datasheet HTML 25Page - STMicroelectronics L9945TR Datasheet HTML 26Page - STMicroelectronics L9945TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 144 page
background image
Symbol
Parameter
Test condition
Min.
Max.
Unit
ISDO_Leak
Tri state leakage current
NCS = HIGH;
VSDO = VIO – 0.3 V
-5
15
µA
NCS = HIGH;
VSDO = VIO
2
30
µA
VOV_SDO
Over voltage detection threshold at SDO
output (for reverse supply protection)
Prevent output from damage; avoid back supply to
VIO; no hysteresis required
VIO + 0.05 VIO + 0.2
V
tOV_SDO_fil
Overvoltage detection analog filter time
-
100
700
ns
tOFF_PROT_OV
Overvoltage detection HS turn OFF/ON
time at SDO.
Includes analog filter time and comparator reaction
time until 50% IOVpeak_SDO_HS
0.5
5
μs
IOVpeak_SDO_HS
Maximum possible peak reverse current
at SDO HS before protection Turn Off
VSDO = 36 V; VIO = 3 V; limited by RDSON only;
HS channel On
90
250
mA
Note:
The SDO pin electrical characteristics are also reported in the SPI table. SDO PCB trace must be routed
carefully in order avoid spikes on SDO pin, which may generate an overvoltage failure. A pull-down resistor in
the [10 - 47] kΩ range on SDO pin is also recommended.
5.3
Reset
The device is reset by the following two events:
Power On Reset (POR)
•
0 ≤ VDD5 ≤ VPOR:
–
Logic is reset;
–
Outputs are in three-state, diagnostics regulators for open load detection are OFF;
–
No violation of leakage current requirements;
–
Charge pump is disabled.
•
VPOR ≤ VDD5 ≤ 4.5 V:
–
SPI functional (if VIO is stable);
–
Internal oscillator is functional and the logic is working correctly;
–
The outputs can switch according to the control;
–
Regulators for open load detection may provide wrong diagnostic;
–
Overcurrent shutdown is active but thresholds may be inaccurate.
NRES assertion:
•
NRES input is active low;
•
It is typically connected to the VDD5 reset of the ECU power supply;
•
NRES is internally pulled up: in case of NRES pin left unconnected, NRES is inactive;
•
Open load failure detection is inactive during NRES assertion;
•
Charge pump is disabled while NRES is asserted.
Both POR and NRES events are latched and readable via SPI:
•
After POR, the n_POR_LATCH is set and can be cleared via SPI readout;
•
When NRES is active, NRES_LATCH is set and can be cleared via SPI readout.
The two reset events are ORed, so that full functionality is achieved only when both POR and NRES are
released.
The default configuration for the outputs after reset is Low-Side with NFET. Channels are three-stated until the
output is enabled through the en_OUT_xx bit.
After configuration and enable, all outputs follow the control signal as long as reset (NRES, POR) is not active. In
case of a reset all outputs will be immediately disabled and all diagnostic and protection information will be lost.
L9945
Functional description
DS12275 - Rev 10
page 23/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com