Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 12Page - STMicroelectronics L9945TR Datasheet HTML 13Page - STMicroelectronics L9945TR Datasheet HTML 14Page - STMicroelectronics L9945TR Datasheet HTML 15Page - STMicroelectronics L9945TR Datasheet HTML 16Page - STMicroelectronics L9945TR Datasheet HTML 17Page - STMicroelectronics L9945TR Datasheet HTML 18Page - STMicroelectronics L9945TR Datasheet HTML 19Page - STMicroelectronics L9945TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 144 page
background image
4.4
Thermal behavior
The table below contains the temperature ranges and the thermal resistance information. The device functionality
is lifetime guaranteed up to 150 °C (junction temperature). If the junction temperature crosses TOT_OFF,
overtemperature is detected. Status of the overtemperature comparator can be monitored reading OT_STATE bit
via SPI. The external microcontroller can either read the temperature measured by the Temperature ADC or
monitor OT_STATE bit: in case of overtemperature, the device must be disabled via external input.
Note:
VVPS_UV < VVPS < 60 V, all supplies are independent; 4.5 V < VDD5 < 5.5 V; 3.0 V < VIO < 5.5 V, unless
otherwise noted.
Table 5. Thermal behavior
Symbol
Parameter description
Comment
Min.
Max.
Unit
Temperature ranges
Tj_op
Operating / Lifetime (junction)
Lifetime guaranteed
-40
150
°C
Tstg
Storage temperature
-55 °C is allowed for a maximum of 15h
-40
+150
°C
Tj_fct
Functional (junction)
Transient condition
150 TOT_OFF
TOT_OFF
Over temperature comparator
threshold
-
165
190
°C
tOff_prot
Comparator reaction time including
analogue deglitching filter
-
100
900
ns
Thermal resistance
Rth_j_c Thermal resistance (junction to case)
Values are according to Jedec JESD51-2,-5,-7 at natural
convection on FR4 2s2p board (see Figure 9. Sketch of a 2s2p
PCB with thermal vias)
-
2.4
°C/W
Rth_j_a
Thermal resistance (junction to
ambient)
-
30
°C/W
Figure 9. Sketch of a 2s2p PCB with thermal vias
GADG2702170724PS
2s2p PCB + vias
ΘJ-A (2s2p)
Note:
In "2s2p", the "s" suffix stands for "Signal" and the number before indicates how many PCB layers are dedicated
to signal wires. The "p" suffix stands for "Power" and the number before indicates how many PCB layers are
dedicated to power planes.
The graph below shows the thermal impedance of the package.
L9945
Product electrical and thermal characteristics
DS12275 - Rev 10
page 16/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com