Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 6Page - STMicroelectronics L9945TR Datasheet HTML 7Page - STMicroelectronics L9945TR Datasheet HTML 8Page - STMicroelectronics L9945TR Datasheet HTML 9Page - STMicroelectronics L9945TR Datasheet HTML 10Page - STMicroelectronics L9945TR Datasheet HTML 11Page - STMicroelectronics L9945TR Datasheet HTML 12Page - STMicroelectronics L9945TR Datasheet HTML 13Page - STMicroelectronics L9945TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 144 page
background image
3.2
Pin names and functions
The table below lists all the information about device pins.
Note:
The package exposed pad must be soldered on the PCB and connected to ground. Pins GNDIO and GNDCP
must be shorted and ground connected.
Syntax: P = Power, G = Ground, D = Digital, A = Analog, I = Input, O = Output, NA = Not Available, L = Low, H =
High, PU = Pull Up, PD = Pull Down.
Table 1. Pin list
Pin #
Pin Name
Pin type PU/PD Active State HBM ESD (1)
Description
Power Supply And Ground
42
VPS
P
NA
NA
NA
4 kV
Battery Input, used to supply charge pump
36
GND
G
NA
NA
NA
2 kV
Ground
35
VDD5
P
NA
NA
NA
2 kV
5 V Input (usually output of external regulator)
Digital inputs (connected to external microcontroller)
1
NON1
D
I
PU
L
2 kV
Output 1 ON-OFF signal
NPWM signal for H-Bridge 1
2
NON2
D
I
PU
L
2 kV
Output 2 ON-OFF signal
DIR signal for H-Bridge 1
3
NON3
D
I
PU
L
2 kV
Output 3 ON-OFF signal
HIZ signal for H-Bridge 1
4
NON4
D
I
PU
L
2 kV
Output 4 ON-OFF signal
5
NON5
D
I
PU
L
2 kV
Output 5 ON-OFF signal
NPWM signal for H-Bridge 2
6
NON6
D
I
PU
L
2 kV
Output 6 ON-OFF signal
DIR signal for H-Bridge 2
7
NON7
D
I
PU
L
2 kV
Output 7 ON-OFF signal
HIZ signal for H-Bridge 2
8
NON8
D
I
PU
L
2 kV
Output 8 ON-OFF signal
Output pre-driver
64
DRN1
A
I
NA
NA
4 kV
FET drain on channel 1
63
GNSP1
A
O
NA
NA
4 kV
NFET gate / PFET source on channel 1
62
SNGP1
A
O
NA
NA
4 kV
NFET source / PFET gate on channel 1
61
BATT12
P
I
NA
NA
4 kV
Battery for channels 1 and 2
57
PGND12
G
I
NA
NA
4 kV
Power ground for channels 1 and 2
58
DRN2
A
I
NA
NA
4 kV
FET drain on channel 2
59
GNSP2
A
O
NA
NA
4 kV
NFET gate / PFET source on channel 2
60
SNGP2
A
O
NA
NA
4 kV
NFET source / PFET gate on channel 2
55
DRN3
A
I
NA
NA
4 kV
FET drain on channel 3
54
GNSP3
A
O
NA
NA
4 kV
NFET gate / PFET source on channel 3
53
SNGP3
A
O
NA
NA
4 kV
NFET source / PFET gate on channel 3
52
BATT34
P
I
NA
NA
4 kV
Battery for channels 3 and 4
56
PGND34
G
I
NA
NA
4 kV
Power ground for channels 3 and 4
49
DRN4
A
I
NA
NA
4 kV
FET drain on channel 4
50
GNSP4
A
O
NA
NA
4 kV
NFET gate / PFET source on channel 4
L9945
Device pins
DS12275 - Rev 10
page 10/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com