Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 1 Page - STMicroelectronics

  L9945TR Datasheet HTML 1Page - STMicroelectronics L9945TR Datasheet HTML 2Page - STMicroelectronics L9945TR Datasheet HTML 3Page - STMicroelectronics L9945TR Datasheet HTML 4Page - STMicroelectronics L9945TR Datasheet HTML 5Page - STMicroelectronics L9945TR Datasheet HTML 6Page - STMicroelectronics L9945TR Datasheet HTML 7Page - STMicroelectronics L9945TR Datasheet HTML 8Page - STMicroelectronics L9945TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 144 page
background image
Features
•
AEC-Q100 qualified
•
12 V and 24 V battery systems compliance
•
3.3 V and 5 V logic compatible I/O
•
8-channel configurable MOSFET pre-driver
–
High-side (N-channel and P-channel MOS)
–
Low-side (N-channel MOS)
–
H-bridge (up to 2 H-bridge)
–
Peak & Hold (2 loads)
•
Operating battery supply voltage 3.8 V to 36 V
•
Operating VDD supply voltage 4.5 V to 5.5 V
•
Programmable gate charge/discharge currents for improving EMI behavior
•
Individual diagnosis for:
–
Short circuit to battery
–
Open load
–
Short circuit to ground
•
Highly flexible overcurrent sensing implementation
–
Possibility of monitoring external MOS drain to source voltage
–
Possibility of monitoring voltage on external shunt resistor
–
64 programmable overcurrent thresholds independent for each channel
–
Ultra-fast output shutdown in case of overcurrent
•
Current limitation for H-Bridge configuration
•
32-bit SPI protocol available for configuration and diagnostics
–
Failures latched even if they occur during diagnostics reading
–
Daisy chain operation
–
SDO protected against overvoltage
•
Safety features
–
Fast switch off redundant output disable by two external pins
–
Built In Self Test (BIST) for logic operation
–
Hardware Self Check (HWSC) for VDD5 overvoltage comparator
–
Configurable Communication Check (CC) watchdog timer available
–
Disable feedback by bi-directional pin
–
Highly redundant output monitoring by dedicated SPI registers
•
10-bit ADC for battery and die temperature measurements available by SPI
•
VDD5 monitoring for over/under voltage
•
VPS (battery) monitoring for under voltage
Product status link
L9945
Product label
Automotive fully configurable 8-channel High/Low side MOSFET pre-driver
suitable for 12 V and 24 V systems
L9945
Datasheet
DS12275 - Rev 10 - May 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L9945TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9945TR STMICROELECTRONICS-L9945TR Datasheet
1Mb / 151P
Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
03-Dec-2019
More results

Similar Description - L9945TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5T035AKTR-E STMICROELECTRONICS-VND5T035AKTR-E Datasheet
683Kb / 31P
Double channel high-side driver with analog current sense for 24 V automotive applications
13-Mar-2012
VND5T100AJTR-E STMICROELECTRONICS-VND5T100AJTR-E Datasheet
533Kb / 32P
Double channel high-side driver with analog current sense for 24 V automotive applications
08-Mar-2011
VND5T100AJ-E STMICROELECTRONICS-VND5T100AJ-E Datasheet
533Kb / 32P
Double channel high-side driver with analog current sense for 24 V automotive applications
08-Mar-2011
logo
Freescale Semiconductor...
MCZ33937AEK FREESCALE-MCZ33937AEK Datasheet
679Kb / 48P
Fully specified from 8.0 to 40 V covers 12 and 24 V automotive systems
logo
STMicroelectronics
VND5T035AK-E STMICROELECTRONICS-VND5T035AK-E Datasheet
717Kb / 31P
Double channel high-side driver with analog current sense for 24 V automotive applications
18-Sep-2013
VND5T050AKTR-E STMICROELECTRONICS-VND5T050AKTR-E Datasheet
772Kb / 32P
Double channel high-side driver with analog current sense for 24 V automotive applications
logo
Maxim Integrated Produc...
MAX22200EVKIT MAXIM-MAX22200EVKIT Datasheet
888Kb / 12P
Configurable for High-Side/Low-Side Solenoid Driver
Rev 0; 4/21
logo
STMicroelectronics
L9945 STMICROELECTRONICS-L9945 Datasheet
1Mb / 151P
Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
03-Dec-2019
logo
Infineon Technologies A...
2ED2410-EM INFINEON-2ED2410-EM Datasheet
5Mb / 49P
12 V/24 V smart analog high-side MOSFET gate driver
Rev.2.00 2022-07-11
logo
STMicroelectronics
VNF1048F STMICROELECTRONICS-VNF1048F Datasheet
2Mb / 52P
High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
27-May-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com