Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945TR Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 26Page - STMicroelectronics L9945TR Datasheet HTML 27Page - STMicroelectronics L9945TR Datasheet HTML 28Page - STMicroelectronics L9945TR Datasheet HTML 29Page - STMicroelectronics L9945TR Datasheet HTML 30Page - STMicroelectronics L9945TR Datasheet HTML 31Page - STMicroelectronics L9945TR Datasheet HTML 32Page - STMicroelectronics L9945TR Datasheet HTML 33Page - STMicroelectronics L9945TR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 144 page
background image
Table 18. Dead time values
HBx_dead_time [1]
HBx_dead_time [0]
Dead time (min)
Dead time (typ)
Dead time (max)
Unit
0
0
0.5
1
1.5
µs
0
1
1
2
3
µs
1
0
3
4
5
µs
1
1
7
8 (default)
9
µs
Note:
x = H-bridge number
The dead time intervenes in case of H-Bridge direction change, that is upon DIR transitions. The following table
describes the output behavior in case of DIR transition.
Table 19. Output response in case of DIR transition
DIR Transition
Q1/Q5
Q2/Q6
Q3/Q7
Q4/Q8
0 → 1
Turns ON after HBx_dead_time, if
NPWM was ‘0’ before DIR switch
and did not toggle during dead time
Turns OFF immediately
Turns OFF immediately
Turns ON after
HBx_dead_time
1 → 0
Turns OFF immediately
Turns ON after HBx_dead_time, if
NPWM was ‘0’ before DIR switch
and did not toggle during dead time
Turns ON after
HBx_dead_time
Turns OFF immediately
Note:
NPWM should be stable before applying the DIR transition, and it should not be switched during the dead-time
due to DIR switch. Otherwise, once dead-time for DIR switch event has expired, the dead-time for NPWM
transition will start, resulting in twice the dead-time applied.
Once NPWM has been toggled at tNPWM_SWITCH time instant, DIR input shall not be switched within a defined
grey-zone in respect to tNPWM_SWITCH . Grey zone is defined by:
tGREY=tNPWM_SWITCH +HBx_dead_time± 5fMAIN_CLK1
The dead timers also operate during NPWM switching activity. Transitions are described in the following table.
Table 20. Output response in case of NPWM transition
DIR = 1
DIR = 0
DIR = 1
DIR = 0
NPWM
Transitio
n
Q1/Q5
Q2/Q6
Q3/Q7
Q4/Q8
HBx_AFW = 0
HBx_AFW = 1
HBx_AFW = 0
HBx_AFW = 1
0 → 1
Turns OFF after
HBx_dead_time if
NPWM is still ‘1’
Turns OFF
immediately
Kept OFF
Turns ON after
2*HBx_dead_time if
NPWM is still ‘1’
Kept OFF
Turns ON after
2*HBx_dead_time if
NPWM is still ‘1’
1 → 0
Turned OFF
immediately. Then, it
turns ON after
HBx_dead_time if
NPWM is still ‘0’
Turns ON after
HBx_dead_time
if NPWM is still ‘0’
Kept OFF
Turned OFF
immediately
Kept OFF
Turned OFF
immediately
Note:
in case NPWM is switched with a very high frequency, which is incompatible with HBx_dead_time, the HS will
be kept OFF. This happens because every time NPWM toggles 1 → 0, the HS output is reset to its default value
of ‘0’. However, this condition should be avoided by choosing switching frequency and duty-cycle in order to
allow dead-timer to expire after both transitions.
L9945
Functional description
DS12275 - Rev 10
page 30/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com