Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9951 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9951
Description  Rear door actuator driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9951 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9951 Datasheet HTML 9Page - STMicroelectronics L9951 Datasheet HTML 10Page - STMicroelectronics L9951 Datasheet HTML 11Page - STMicroelectronics L9951 Datasheet HTML 12Page - STMicroelectronics L9951 Datasheet HTML 13Page - STMicroelectronics L9951 Datasheet HTML 14Page - STMicroelectronics L9951 Datasheet HTML 15Page - STMicroelectronics L9951 Datasheet HTML 16Page - STMicroelectronics L9951 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
L9951 / L9951XP
Electrical specifications
Doc ID 14173 Rev 9
13/36
td OFF L
Output delay time,
lowside driver off
VS = 13.5 V
80
150
300
µs
tD HL
Cross current protection
time, source to sink
td ON L - td OFF H,
200
400
µs
tD LH
Cross current protection
time, sink to source
td ON H - td OFF L
200
400
µs
IQLH
Switched-off output
current highside drivers of
OUT1-5
VOUT1-5 = 0V, standby
mode
0-2
-5
µA
VOUT1-5 = 0V, active mode
-40
-15
0
µA
IQLL
Switched-off output
current lowside drivers of
OUT1-3
VOUT1-3 = VS, standby
mode
050
100
µA
VOUT1-3= VS, active mode
-40
-15
0
µA
IOLD1
Open-load detection
current of OUT1
70
160
240
mA
IOLD23
Open-load detection
current of OUT2, OUT3
70
160
240
mA
IOLD45
Open-load detection
current of OUT4 and
OUT5
515
40
mA
tdOL
Minimum duration of
open-load condition to set
the status bit
500
3000
µs
tISC
Minimum duration of
over-current condition to
switch off the driver
10
100
µs
dVOUT1/dt Slew rate of OUT1
VS =13.5 V
Iload = ±1.5 A
0.1
0.2
0.4
V/µs
dVOUT23/dt Slew rate of OUT2, OUT3
VS = 13.5 V
Iload = ±1.5 A
0.1
0.2
0.4
V/µs
dVOUT45/dt Slew rate of OUT4, OUT5
VS = 13.5 V
Iload = - 0.8 A
0.1
0.2
0.4
V/µs
Table 11.
OUT 1 - OUT 5 (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com