Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9951 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9951
Description  Rear door actuator driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9951 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9951 Datasheet HTML 22Page - STMicroelectronics L9951 Datasheet HTML 23Page - STMicroelectronics L9951 Datasheet HTML 24Page - STMicroelectronics L9951 Datasheet HTML 25Page - STMicroelectronics L9951 Datasheet HTML 26Page - STMicroelectronics L9951 Datasheet HTML 27Page - STMicroelectronics L9951 Datasheet HTML 28Page - STMicroelectronics L9951 Datasheet HTML 29Page - STMicroelectronics L9951 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Functional description of the SPI
L9951 / L9951XP
26/36
Doc ID 14173 Rev 9
Table 20.
SPI - Input data and status register 1
Input register 1 (write)
Status register 1 (read)
Bit
Name
Comment
Name
Comment
15
Not used
Always 1
A broken VCC-or SPI-
connection of the L9951 can
be detected by the
microcontroller, because all
16 bits low or high is not a
valid frame.
14
Not used
VS over-voltage
In case of an over-voltage or
undervoltage event the
corresponding bit is set and
the outputs are deactivated.
13
Not used
VS undervoltage
In case of an over-voltage or
undervoltage event the
corresponding bit is set and
the outputs are deactivated.
12
Not used
Thermal
shutdown
In case of an thermal
shutdown all outputs are
switched off. The
microcontroller has to clear
the TSD bit by setting the
reset bit to reactivate the
outputs.
11
Not used
Temperature
warning
This bit is for information
purpose only. It can be used
for a thermal management by
the microcontroller to avoid a
thermal shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com