Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9951 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9951
Description  Rear door actuator driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9951 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9951 Datasheet HTML 15Page - STMicroelectronics L9951 Datasheet HTML 16Page - STMicroelectronics L9951 Datasheet HTML 17Page - STMicroelectronics L9951 Datasheet HTML 18Page - STMicroelectronics L9951 Datasheet HTML 19Page - STMicroelectronics L9951 Datasheet HTML 20Page - STMicroelectronics L9951 Datasheet HTML 21Page - STMicroelectronics L9951 Datasheet HTML 22Page - STMicroelectronics L9951 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
L9951 / L9951XP
Application information
Doc ID 14173 Rev 9
19/36
3
Application information
3.1
Dual power supply: VS and VCC
The power supply voltage VS supplies the half bridges and the high side drivers. An internal
charge-pump is used to drive the high side switches. The logic supply voltage VCC
(stabilized 5V) is used for the logic part and the SPI of the device. Due to the independent
logic supply voltage the control and status information will not be lost, if there are temporary
spikes or glitches on the power supply voltage. In case of power-on (VCC increases from
under voltage to VPOR OFF = 4.0V, typical) the circuit is initialized by an internally generated
power-on-reset (POR).
If the voltage VCC decreases under the minimum threshold (VPOR ON =3.6V, typical), the
outputs are switched to tristate (high impedance) and the status registers are cleared.
3.2
Standby - mode
The standby mode of the L9951 is activated by switching the EN input do GND. All latched
data will be cleared and the inputs and outputs are switched to high impedance. In the
standby mode the current at VS (VCC) is less than 3 µA (1µA) for CSN = high (DO in tristate).
If EN is switched to 5V the device will enter the active mode. In the active mode the charge-
pump and the supervisor functions are activated.
3.3
Inductive loads
Each half bridge is built by an internally connected high side and a low side power DMOS
transistor. Due to the built-in reverse diodes of the output transistors, inductive loads can be
driven at the outputs OUT1 to OUT3 without external free-wheeling diodes. The high side
drivers OUT4 to OUT5 are intended to drive resistive loads. Hence only a limited energy
(E<0.5mJ) can be dissipated by the internal ESD-diodes in freewheeling condition. For
inductive loads (L > 50µH) an external free-wheeling diode connected to GND and the
corresponding output is needed.
3.4
Diagnostic functions
All diagnostic functions (over/open-load, power supply over-/undervoltage, temperature
warning and thermal shutdown) are internally filtered and the condition has to be valid for at
least 32µs (open-load: 1ms, respectively) before the corresponding status bit in the status
registers will be set. The filters are used to improve the noise immunity of the device. Open-
load and temperature warning function are intended for information purpose and will not
change the state of the output drivers. On contrary, the over load and thermal shutdown
condition will disable the corresponding driver (over load) or all drivers (thermal shutdown),
respectively. Without setting the over-current recovery bit in the Input Data Register to logic
high, the microcontroller has to clear the over-current status bit to reactivate the
corresponding driver. Each driver has a corresponding over-current recovery bit. If this bit is
set, the device will automatically switch-on the outputs again after a short recovery time. The
duty cycle in over-current condition can be programmed by the SPI interface (12% or 25%).
With this feature the device can drive loads with start-up currents higher than the over-
current limits (e.g. inrush current of lamps, cold resistance of motors and heaters).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com