Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9951 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9951
Description  Rear door actuator driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9951 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9951 Datasheet HTML 12Page - STMicroelectronics L9951 Datasheet HTML 13Page - STMicroelectronics L9951 Datasheet HTML 14Page - STMicroelectronics L9951 Datasheet HTML 15Page - STMicroelectronics L9951 Datasheet HTML 16Page - STMicroelectronics L9951 Datasheet HTML 17Page - STMicroelectronics L9951 Datasheet HTML 18Page - STMicroelectronics L9951 Datasheet HTML 19Page - STMicroelectronics L9951 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Electrical specifications
L9951 / L9951XP
16/36
Doc ID 14173 Rev 9
Figure 3.
SPI - transfer timing diagram
Figure 4.
SPI - input timing
Table 17.
EN, CSN timing(1)
1.
See Figure 7
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tEN_CSN_LO
Minimum EN high before
sending first SPI frame, i.e.
CSN going low
Transfer of SPI-command
to input register
20
50
µs
tCSN_HI,min
Minimum CSN HI time
between two SPI frames
Transfer of SPI-command
to input register
24
µs
0
1
0
1
time
time
time
time
time
CSN high to low: DO enabled
actual data
DI: data will be accepted on the rising edge of CLK signal
new data
CSN
CLK
DI
DO
e.g.OUT1
DO: data will change on the falling edge of CLK signal
status information
fault bit
CSN low to high: actual data is
transfered to output power switches
old data
1
2
3
4
5
6
7
8
9
10 11
0
12
13 14 15
1
0
actual data
1
2
3
4
5
6
7
8
9
10 11
0
12
13 14 15
1
2
3
4
5
6
7
8
9
10 11
0
12
13 14 15
0.8 VCC
0.8 VCC
0.8 VCC
0.2 VCC
0.2 VCC
0.2 VCC
Valid
Valid
CSN
CLK
DI
t
set CSN
t
CLKH
t
set CLK
t
CLKL
t
hold DI
t
set DI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com