Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9951 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9951
Description  Rear door actuator driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9951 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9951 Datasheet HTML 10Page - STMicroelectronics L9951 Datasheet HTML 11Page - STMicroelectronics L9951 Datasheet HTML 12Page - STMicroelectronics L9951 Datasheet HTML 13Page - STMicroelectronics L9951 Datasheet HTML 14Page - STMicroelectronics L9951 Datasheet HTML 15Page - STMicroelectronics L9951 Datasheet HTML 16Page - STMicroelectronics L9951 Datasheet HTML 17Page - STMicroelectronics L9951 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Electrical specifications
L9951 / L9951XP
14/36
Doc ID 14173 Rev 9
2.6
SPI - electrical characteristics
(VS = 8 to 16 V, VCC = 4.5 to 5.3 V, Tj = - 40 to 150 °C, unless otherwise specified. The
voltages are referred to GND and currents are assumed positive, when the current flows into
the pin).
Note:
Value of input capacity is not measured in production test. Parameter guaranteed by design.
Table 12.
Delay time from standby to active mode
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tset
Internal startup time
Switching from standby
to active mode. Time
until not Ready Bit goes
low.
80
300
µs
Table 13.
Inputs: CSN, CLK, PWM1/2 and DI
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VinL
Input low level
VCC = 5V
1.5
2.0
V
VinH
Input high level
VCC = 5V
3.0
3.5
V
VinHyst
Input hysteresis
VCC = 5V
0.5
V
ICSN in
Pull up current at input CSN
VCSN = 3.5V VCC = 5V
-50
-25
-10
µA
ICLK in
Pull down current at input CLK
VCLK = 1.5V
10
25
50
µA
IDI in
Pull down current at input DI
VDI = 1.5V
10
25
50
µA
IEN in
Pull down resistance at input
EN
100
210
480
k
Ω
C in
Input capacitance at input
CLK, DI and PWM
VCC = 0 to 5.3V
10
15
pF
Table 14.
DI timing(1)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tCLK
Clock period
VCC = 5V
1000
ns
tCLKH
Clock high time
VCC = 5V
400
ns
tCLKL
Clock low time
VCC = 5V
400
ns
tset CSN
CSN setup time, CSN low
before rising edge of CLK
VCC = 5V
400
ns
tset CLK
CLK setup time, CLK high
before rising edge of CSN
VCC = 5V
400
ns
tset DI
DI setup time
VCC = 5V
200
ns
thold time DI hold time
VCC = 5V
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com