Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9951 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9951
Description  Rear door actuator driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9951 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9951 Datasheet HTML 11Page - STMicroelectronics L9951 Datasheet HTML 12Page - STMicroelectronics L9951 Datasheet HTML 13Page - STMicroelectronics L9951 Datasheet HTML 14Page - STMicroelectronics L9951 Datasheet HTML 15Page - STMicroelectronics L9951 Datasheet HTML 16Page - STMicroelectronics L9951 Datasheet HTML 17Page - STMicroelectronics L9951 Datasheet HTML 18Page - STMicroelectronics L9951 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
L9951 / L9951XP
Electrical specifications
Doc ID 14173 Rev 9
15/36
Note:
DI timing parameters tested in production by a passed/failed test:
Tj= -40°C/+25°C: SPI communication @2MHZ.
Tj= +125°C: SPI communication @1.25MHZ.
tr in
Rise time of input signal DI,
CLK, CSN
VCC = 5V
100
ns
tf in
Fall time of input signal DI,
CLK, CSN
VCC = 5V
100
ns
1.
See Figure 3 and Figure 4
Table 14.
DI timing(1) (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 15.
DO
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDOL
Output low level
VCC = 5 V, ID = -4mA
0.2
0.4
V
VDOH
Output high level
VCC = 5 V, ID = 4 mA
VCC
-0.4
VCC
-0.2
V
IDOLK
Tristate leakage current
VCSN = VCC,
0V < VDO < VCC
-10
10
µA
CDO
(1)
1.
Value of input capacity is not measured in production test. Parameter guaranteed by design.
Tristate input capacitance
VCSN = VCC,
0V < VCC < 5.3V
10
15
pF
Table 16.
DO timing(1)
1.
See Figure 5 and Figure 6.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tr DO
DO rise time
CL = 100 pF, Iload = -1mA
80
140
ns
tf DO
DO fall time
CL = 100 pF, Iload = 1mA
50
100
ns
ten DO tri L
DO enable time
from tristate to low level
CL = 100 pF, Iload = 1mA
pull-up load to VCC
100
250
ns
tdis DO L tri
DO disable time
from low level to tristate
CL = 100 pF, Iload = 4 mA
pull-up load to VCC
380
450
ns
ten DO tri H
DO enable time
from tristate to high level
CL =100 pF, Iload = -1mA
pull-down load to GND
100
250
ns
tdis DO H tri
DO disable time
from high level to tristate
CL = 100 pF, Iload = -4mA
pull-down load to GND
380
450
ns
td DO
DO delay time
VDO < 0.3 VCC, VDO > 0.7VCC,
CL = 100pF
50
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com