Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9951 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9951
Description  Rear door actuator driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9951 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9951 Datasheet HTML 23Page - STMicroelectronics L9951 Datasheet HTML 24Page - STMicroelectronics L9951 Datasheet HTML 25Page - STMicroelectronics L9951 Datasheet HTML 26Page - STMicroelectronics L9951 Datasheet HTML 27Page - STMicroelectronics L9951 Datasheet HTML 28Page - STMicroelectronics L9951 Datasheet HTML 29Page - STMicroelectronics L9951 Datasheet HTML 30Page - STMicroelectronics L9951 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
L9951 / L9951XP
Functional description of the SPI
Doc ID 14173 Rev 9
27/36
10
OUT5 OC
recovery enable
In case of an over-current
event the over-current
status bit (status register
0) is set and the output is
switched off. If the over-
current recovery enable bit
is set the output will be
automatically reactivated
after a delay time resulting
in a PWM modulated
current with a
programmable duty cycle
(Bit 13 of Input data
register 1).
Depending on occurrence
of overcurrent event and
internal clock phase it is
possible that one recovery
cycle is executed even if
this bit is set to zero.
Not ready bit
After switching the device
from standby mode to active
mode an internal timer is
started to allow charge pump
to settle before the outputs
can be activated. This bit is
cleared automatically after
start up time has finished.
Since this bit is controlled by
internal clock it can be used
for synchronizing testing
events(e.g. measuring filter
times).
9
OUT4 OC
recovery enable
0
Not used.
8
OUT3 OC
recovery enable
OUT5-HS
open-load
The open-load detection
monitors the load current in
each activated output stage. If
the load current is below the
open-load detection threshold
for at least 1 ms (tdOL) the
corresponding open-load bit
is set. Due to mechanical
/electrical inertia of typical
loads a short activation of the
outputs (e.g. 3ms) can be
used to test the open-load
status without changing the
mechanical/electrical state of
the loads.
7
OUT2 OC
recovery enable
OUT4-HS
open-load
6
OUT1 OC
recovery enable
OUT3-HS
open-load
5
OUT5 PWM
enable
If the PWM enable bit is
set and the output is
enabled (input register 0)
the output is switched on if
PWM input is high and
switched off if PWM input
is low.
OUT3-LS
open-load
4
OUT4 PWM
enable
OUT2-HS
open-load
3
OUT3 PWM
enable
OUT2-LS
open-load
2
OUT2 PWM
enable
OUT1-HS
open-load
1
OUT1 PWM
enable
OUT1-LS
open-load
0
1
No error bit
A logical NOR-combination of
all bits 1 to 14 in both status
registers. If bit 14 (Disable
Open-Load) is set, the open-
load status will be ignored
Table 20.
SPI - Input data and status register 1 (continued)
Input register 1 (write)
Status register 1 (read)
Bit
Name
Comment
Name
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com