Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX4100 Datasheet(PDF) 5 Page - Juniper Networks, Inc.

Part # EX4100
Description  EX4100 LINE OF ETHERNET SWITCHES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100 Datasheet(HTML) 5 Page - Juniper Networks, Inc.

  EX4100 Datasheet HTML 1Page - Juniper Networks, Inc. EX4100 Datasheet HTML 2Page - Juniper Networks, Inc. EX4100 Datasheet HTML 3Page - Juniper Networks, Inc. EX4100 Datasheet HTML 4Page - Juniper Networks, Inc. EX4100 Datasheet HTML 5Page - Juniper Networks, Inc. EX4100 Datasheet HTML 6Page - Juniper Networks, Inc. EX4100 Datasheet HTML 7Page - Juniper Networks, Inc. EX4100 Datasheet HTML 8Page - Juniper Networks, Inc. EX4100 Datasheet HTML 9Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Figure 4: Campus fabrics showing Virtual Chassis and EVPN-VXLAN-based architectures
All three topologies are standards-based and interoperable with
third-party vendors.
The EX4100 switches can be deployed in campus and branch
access layer networks in the EVPN-VXLAN architectures shown in
Figure 4.
Managing AI-Driven Campus Fabric with the Juniper Mist Cloud
Juniper Mist Wired Assurance brings cloud management and Mist
AI to the campus fabric. It sets a new standard that moves away
from traditional network management towards AI-driven
operations, while delivering better experiences to connected
devices. Juniper Mist Cloud streamlines deployment and
management of campus fabric architectures by allowing:
• Automated deployment and zero-touch deployment (ZTD)
• Anomaly detection
• Root cause analysis
Figure 5: EVPN multihoming configuration via the Juniper Mist cloud
Chassis-Class Availability
The EX4100 switches deliver high availability through redundant
power supplies and fans, graceful Routing Engine switchover
(GRES), and nonstop bridging and routing when deployed in a
Virtual Chassis configuration.
In a Virtual Chassis configuration, each EX4100 switch is capable of
functioning as a Routing Engine (RE). When two or more EX4100
switches are interconnected, a single control plane is shared among
all Virtual Chassis member switches. Junos OS automatically
initiates an election process to assign a primary (active) and backup
(hot-standby) RE. An integrated L2 and L3 GRES feature maintains
uninterrupted access to applications, services, and IP
communications in the unlikely event of a primary RE failure.
EX4100 Line of Ethernet Switches Datasheet
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com