Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX4100 Datasheet(PDF) 9 Page - Juniper Networks, Inc.

Part # EX4100
Description  EX4100 LINE OF ETHERNET SWITCHES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100 Datasheet(HTML) 9 Page - Juniper Networks, Inc.

Back Button EX4100 Datasheet HTML 5Page - Juniper Networks, Inc. EX4100 Datasheet HTML 6Page - Juniper Networks, Inc. EX4100 Datasheet HTML 7Page - Juniper Networks, Inc. EX4100 Datasheet HTML 8Page - Juniper Networks, Inc. EX4100 Datasheet HTML 9Page - Juniper Networks, Inc. EX4100 Datasheet HTML 10Page - Juniper Networks, Inc. EX4100 Datasheet HTML 11Page - Juniper Networks, Inc. EX4100 Datasheet HTML 12Page - Juniper Networks, Inc. EX4100 Datasheet HTML 13Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
EX4100 Line Specifications
Physical Specifications
Backplane
• 200 Gbps Virtual Chassis interconnect to combine up to 10
units as a single logical device
Power Options
• Power supplies: Autosensing; 100-120 V/200-240 V; 150 W,
920 W AC AFO, and 150 W AC AFI dual load sharing hot-
swappable internal redundant power supplies
• Maximum current inrush: 30 amps
• DC power supply: 150 W DC AFO; input voltage range 48-60
V max; dual load-sharing hot-swappable internal redundant
power supplies
• Minimum number of PSUs required for fully loaded chassis: 1
per switch
Dimensions (W x H x D)
• Base Unit: 17.36 x 1.72 x 13.78 in (44.1 x 4.37 x 35 cm)
• With power supply installed: 17.36 x 1.72 x 15.05 in (44.1 x
4.37 x 38.24 cm)
• Height: 1 U
System Weight
• EX4100-24T switch (with no power supply or fan module):
9.72 lb (4.41 kg)
• EX4100-24P switch (with no power supply or fan module): 10
lb (4.54 kg)
• EX4100-48T switch (with no power supply or fan module): 10
lb (4.54 kg)
• EX4100-48P switch (with no power supply or fan module):
10.27 lb (4.66 kg)
• EX4100-24MP switch (with no power supply or fan module):
10.06 lb (4.57 kg)
• EX4100-48MP switch (with no power supply or fan module):
10.41 lb (4.72 kg)
• 150 W AC power supply: 1.43 lb (0.65 kg)
• 150 W DC power supply: 1.43 lb (0.65 kg)
• 920 W AC power supply: 1.87 lb (0.85 kg)
• Fan module: 0.16 lb (0.07 kg)
Environmental Ranges
• Operating temperature: 32° to 113° F (0° to 45° C)
• Storage temperature: -40° to 158° F (-40° to 70° C)
• Operating altitude: Up to 5000 ft at 40° C (1828.8 m)
• Nonoperating altitude: Up to 16,000 ft (4877 m)
• Relative humidity operating: 5% to 90% (noncondensing)
• Relative humidity non-operating: 0% to 90% (noncondensing)
Cooling [CFM] - Total maximum airflow with two power supplies
and fans
• Field-replaceable fans: 2
• EX4100-24MP : 60.9
• EX4100-48MP : 61.7
• EX4100-24T : 65.6
• EX4100-24T-DC : 64.8
• EX4100-24P : 61.6
• EX4100-48T : 65.8
• EX4100-48T-DC : 66.2
• EX4100-48T-AFI : 61.8
• EX4100-48P : 64.1
Hardware Specifications Switching Engine Mode
• Store and forward
Memory
• DRAM: 4 GB with Error Correcting Code (ECC) on all models
• Storage: 8 GB on all models
CPU
• 1.7 GHz ARM CPU on all models
GbE Port Density per System
• EX4100-24P/24T: 32 (24 1GbE host ports + 4 10GbE/25GbE
ports + 4 1GbE/10GbE ports)
• EX4100-48P/48T: 56 (48 1GbE host ports + 4 10GbE/25GbE
ports + 4 1GbE/10GbE ports)
• EX4100-24MP: 32 (8 10GbE host ports + 16 1GbE host ports
+ 4 10GbE/25GbE ports + 4 1GbE/10GbE ports)
• EX4100-48MP: 56 (16 2.5GbE host ports + 32 1GbE host
ports + 4 10GbE/25GbE ports + 4 port 1GbE/10GbE ports)
Physical Layer
• Time domain reflectometry (TDR) for detecting cable breaks
and shorts: EX4100-24P/T and EX4100-48P/T,
EX4100-24MP and EX4100-48MP
EX4100 Line of Ethernet Switches Datasheet
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com