Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX4100 Datasheet(PDF) 6 Page - Juniper Networks, Inc.

Part # EX4100
Description  EX4100 LINE OF ETHERNET SWITCHES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100 Datasheet(HTML) 6 Page - Juniper Networks, Inc.

Back Button EX4100 Datasheet HTML 2Page - Juniper Networks, Inc. EX4100 Datasheet HTML 3Page - Juniper Networks, Inc. EX4100 Datasheet HTML 4Page - Juniper Networks, Inc. EX4100 Datasheet HTML 5Page - Juniper Networks, Inc. EX4100 Datasheet HTML 6Page - Juniper Networks, Inc. EX4100 Datasheet HTML 7Page - Juniper Networks, Inc. EX4100 Datasheet HTML 8Page - Juniper Networks, Inc. EX4100 Datasheet HTML 9Page - Juniper Networks, Inc. EX4100 Datasheet HTML 10Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
When more than two switches are interconnected in a Virtual
Chassis configuration, the remaining switch elements act as line
cards and are available to assume the backup RE position should
the designated primary RE fail. Primary, backup, and line card
priority status can be assigned to dictate the order of ascension;
this N+1 RE redundancy, coupled with the GRES, nonstop active
routing (NSR), and nonstop bridging (NSB) capabilities of Junos OS,
assures a smooth transfer of control plane functions following
unexpected failures.
The EX4100 implements the same slot/module/port numbering
scheme as other Juniper chassis-based products when numbering
Virtual Chassis ports, providing true chassis-like operations. By
using a consistent operating system and a single configuration file,
all switches in a Virtual Chassis configuration are treated as a single
device, greatly simplifying overall system maintenance and
management.
Individually, the EX4100 offers a number of HA features that are
typically associated with modular chassis-based switches. When
combined with the field-proven Junos OS and L2/L3 failover
capabilities, these features provide the EX4100 with true carrier-
class reliability.
• Redundant power supplies: The EX4100 line of switches
supports redundant, load-sharing, hot-swappable, and field-
replaceable power supplies to maintain uninterrupted
operations. Thanks to its compact footprint, the EX4100
requires significantly less power than chassis-based switches
delivering equivalent port densities.
• Hot-swappable fans: The EX4100 includes hot-swappable
fans, providing sufficient cooling (for a short duration) even if
one of the fans were to fail.
• Nonstop bridging and nonstop active routing: NSB and NSR
on the EX4100 ensure that control plane protocols, states, and
tables are synchronized between primary and standby REs to
prevent protocol flaps or convergence issues following an RE
failover.
• Redundant trunk group (RTG): To avoid the complexities of
STP without sacrificing network resiliency, the EX4100
employs redundant trunk groups to provide the necessary port
redundancy and simplify switch configuration.
• Cross-member link aggregation: Cross-member link
aggregation allows redundant link aggregation connections
between devices in a single Virtual Chassis configuration,
providing an additional level of reliability and availability.
• IPv4 and IPv6 routing support: IPv4 and IPv6 Layer 3 routing
(OSPF and BGP) is available with a Flex license, enabling highly
resilient networks.
MACsec AES256
The EX4100 switches support IEEE 802.1ae MACsec with
AES-256-bit encryption to increase security of point-to-point traffic
communications. MACsec provides encrypted communication at
the link layer that is capable of identifying and preventing threats
from denial of service (DoS) and other intrusion attacks, as well as
man-in-the-middle, masquerading, passive wiretapping, and
playback attacks launched from behind the firewall. When MACsec
is deployed on ports, the traffic is encrypted on the wire, but the
traffic inside the switch is not. This allows the switch to apply
network policies such as quality of service (QoS) or deep packet
inspection (DPI) to each packet without compromising the security
of packets on the wire.
PoE/PoE+/PoE++ Power, Perpetual and Fast PoE
The EX4100 delivers PoE for supporting connected devices such as
phones, surveillance cameras, IoT devices, and 802.11AX/Wi-Fi 6
access points, offering a PoE power budget of up to 1620W and
supporting up to 90W per port based on the IEEE 802.3bt PoE
standard.
EX4100 switches support perpetual PoE, which provides
uninterrupted power to connected PoE powered devices (PDs)
even when the EX4100 switch is rebooting.
The EX4100 switches also support a fast PoE capability that
delivers PoE power to connected endpoints during a switch power-
up, even before the switch is fully operational. This is especially
beneficial in situations where the endpoint only needs the power
and is not necessarily dependent on network connectivity.
Junos Telemetry Interface
The EX4100 supports Junos telemetry interface (JTI), a modern
telemetry streaming feature designed for switch health and
performance monitoring. Sensor data can be streamed to a
management system at configurable periodic intervals, enabling
network administrators to monitor individual link and node
utilization as well as troubleshoot issues such as network
congestion in real time. JTI delivers the following features:
• Performance management by provisioning sensors to collect
and stream data and analyze application and workload flow
paths through the network
• Capacity planning and optimization by proactively detecting
hotspots and monitoring latency and microbursts
• Troubleshooting and root cause analysis via high-frequency
monitoring and correlation of overlay and underlay networks
EX4100 Line of Ethernet Switches Datasheet
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com