Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX4100 Datasheet(PDF) 8 Page - Juniper Networks, Inc.

Part # EX4100
Description  EX4100 LINE OF ETHERNET SWITCHES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100 Datasheet(HTML) 8 Page - Juniper Networks, Inc.

Back Button EX4100 Datasheet HTML 4Page - Juniper Networks, Inc. EX4100 Datasheet HTML 5Page - Juniper Networks, Inc. EX4100 Datasheet HTML 6Page - Juniper Networks, Inc. EX4100 Datasheet HTML 7Page - Juniper Networks, Inc. EX4100 Datasheet HTML 8Page - Juniper Networks, Inc. EX4100 Datasheet HTML 9Page - Juniper Networks, Inc. EX4100 Datasheet HTML 10Page - Juniper Networks, Inc. EX4100 Datasheet HTML 11Page - Juniper Networks, Inc. EX4100 Datasheet HTML 12Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Product Options
Available EX4100 models are listed in Table 1.
Table 1. EX4100 Line of Ethernet Switches
Model/Product
SKU
Access Port Configuration
PoE/PoE
+Ports
PoE+
+Ports
PoE Budget 1
PSU/2 PSU
10GbE
Ports
25GbE
Ports
Power Supply
Rating
Cooling
EX4100-24T
24-port
10/100/1000BASE-T
0
0
N/A
4
4
150 W AC
AFO (front-to-back
airflow)
EX4100-48T
48-port
10/100/1000BASE-T
0
0
N/A
4
4
150 W AC
AFO (front-to-back
airflow)
EX4100-48T-AFI
48-port
10/100/1000BASE-T
0
0
N/A
4
4
150 W AC
AFI (back-to-front
airflow)
EX4100-24T-DC
24-port
10/100/1000BASE-T
0
0
N/A
4
4
150 W DC
AFO (front-to-back
airflow)
EX4100-48T-DC
48-port
10/100/1000BASE-T
0
0
N/A
4
4
150 W DC
AFO (front-to-back
airflow)
EX4100-24P
24-port
10/100/1000BASE-T
24
0
740 W/1440 W
4
4
920 W AC
AFO (front-to-back
airflow)
EX4100-48P
48-port
10/100/1000BASE-T
48
0
740 W/1440 W
4
4
920 W AC
AFO (front-to-back
airflow)
EX4100-24MP
8x 100
MB/1GbE/2.5GbE/5GbE/10GbE + 16x
10 MB/100 MB/1GbE
0
24
740W/1620 W
12
4
920 W AC
AFO (front-to-back
airflow)
EX4100-48MP
16x 100 MB/1GbE/2.5GbE
+ 32x 10 MB/100 MB/1GbE
0
48
740 W/1620 W
4
4
920 W AC
AFO (front-to-back
airflow)
The EX4100 also offers spare chassis options without power supplies or fans, providing customers with the flexibility to stock SKUs (see
Table 2). See the Ordering Information section for additional details.
Table 2. EX4100 Spare Chassis SKUs
Spare Chassis SKU
Description
JPSU-150-AC-AFO +
EX4100-FAN-AFO
JPSU-150-AC-AFI +
EX4100-FAN-AFI
JPSU-150-DC-AFO +
EX4100-FAN-AFO
JPSU-920-AC-AFO +
EX4100-FAN-AFO
EX4100-24T-CHAS
Spare chassis, 24-port
10/100/1000BASE-T
Y
X
Y
X
EX4100-48T-CHAS
Spare chassis, 48-port
10/100/1000BASE-T
Y
Y
X
X
EX4100-24P-CHAS
Spare chassis, 24-port
10/100/1000BASE-T
X
X
X
Y
EX4100-48T-CHAS
Spare chassis, 48-port
10/100/1000BASE-T
X
X
Y
X
EX4100-24MP-CHAS
Spare chassis,
8x100 MB/1GbE/2.5GbE/5GbE/10GbE +
16x10 MB/100 MB/1GbE ports
X
X
X
Y
EX4100-48MP-CHAS
Spare chassis,
16x100 MB/1GbE/2.5GbE +
32x10 MB/100 MB/1GbE ports
X
X
X
Y
Y = supported; X = not supported
Figure 6: EX4100 line of Switches
EX4100 Line of Ethernet Switches Datasheet
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com