Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX4100 Datasheet(PDF) 10 Page - Juniper Networks, Inc.

Part # EX4100
Description  EX4100 LINE OF ETHERNET SWITCHES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100 Datasheet(HTML) 10 Page - Juniper Networks, Inc.

Back Button EX4100 Datasheet HTML 6Page - Juniper Networks, Inc. EX4100 Datasheet HTML 7Page - Juniper Networks, Inc. EX4100 Datasheet HTML 8Page - Juniper Networks, Inc. EX4100 Datasheet HTML 9Page - Juniper Networks, Inc. EX4100 Datasheet HTML 10Page - Juniper Networks, Inc. EX4100 Datasheet HTML 11Page - Juniper Networks, Inc. EX4100 Datasheet HTML 12Page - Juniper Networks, Inc. EX4100 Datasheet HTML 13Page - Juniper Networks, Inc. EX4100 Datasheet HTML 14Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
• Auto medium-dependent interface/medium-dependent
interface crossover (MDI/MDIX) support: EX4100-24P/T,
EX4100-48P/T, EX4100-24MP and EX4100-48MP
• Port speed downshift/setting maximum advertised speed on
- 10/100/1000BASE-T ports on EX4100-24P/T and
EX4100-48P/T
- 100/1000BASE-T/2.5GBASE-T/5GBASE-T/10GBASE-T
on EX4100-24MP
- 100/1000BASE-T/2.5GBASE-T on EX4100-48MP
Packet Switching Capacities (Maximum with 64 Byte Packets)
• EX4100-24P/24T: 164 Gbps (unidirectional)/328 Gbps
(bidirectional)
• EX4100-48P/48T: 188 Gbps (unidirectional)/376 Gbps
(bidirectional)
• EX4100-24MP: 236 Gbps (unidirectional)/472 Gbps
(bidirectional)
• EX4100-48MP: 212 Gbps (unidirectional)/424 Gbps
(bidirectional)
Software Specifications
Layer 2/Layer 3 Throughput (Mpps) (Maximum with 64 Byte
Packets)
• EX4100-48P/T 279 Mpps
• EX4100-24P/T 244 Mpps
• EX4100-48MP 315 Mpps
• EX4100-24MP 351 Mpps
Security
• Media Access Control (MAC) limiting (per port and per VLAN)
• Allowed MAC addresses: 64,000
• Dynamic Address Resolution Protocol (ARP) dynamic ARP
inspection (DAI)
• IP source guard
• Local proxy ARP
• Static ARP support
• Dynamic Host Configuration Protocol (DHCP) snooping
• Captive portal
• Persistent MAC address configurations
• Distributed denial of service (DDoS) protection (CPU control
path flooding protection)
Layer 2 Switching
• Maximum MAC addresses per system: 64,000
• Jumbo frames: 9216 bytes
• Range of possible VLAN IDs: 1 to 4094
• Virtual Spanning Tree (VST) instances: 253
• Port-based VLAN
• Voice VLAN
• Physical port redundancy: Redundant trunk group (RTG)
• Compatible with Per-VLAN Spanning Tree Plus (PVST+)
• Routed VLAN interface (RVI)
• Uplink failure detection (UFD)
• ITU-T G.8032: Ethernet Ring Protection Switching
• IEEE 802.1AB: Link Layer Discovery Protocol (LLDP)
• LLDP-MED with VoIP integration
• Default VLAN and multiple VLAN range support
• MAC learning deactivate
• Persistent MAC learning (sticky MAC)
• MAC notification
• Private VLANs (PVLANs)
• Explicit congestion notification (ECN)
• Layer 2 protocol tunneling (L2PT)
• IEEE 802.1ak: Multiple VLAN Registration Protocol (MVRP)
• IEEE 802.1p: Class of service (CoS) prioritization
• IEEE 802.1Q: VLAN tagging
• IEEE 802.1X: Port Access Control
• IEEE 802.1ak: Multiple Registration Protocol
• IEEE 802.3: 10BASE-T
• IEEE 802.3u: 100BASE-T
• IEEE 802.3ab: 1000BASE-T
• IEEE 802.3z: 1000BASE-X
• IEEE 802.3bz: 2.5GBASE-T and 5GBASE-T
• IEEE 802.3ae: 10-Gigabit Ethernet
• IEEE 802.3by: 25-Gigabit Ethernet
• IEEE 802.3af: Power over Ethernet
• IEEE 802.3at: Power over Ethernet Plus
• IEEE 802.3bt: 90 W Power over Ethernet
• IEEE 802.3x: Pause Frames/Flow Control
- IEEE 802.3ah: Ethernet in the First Mile
Spanning Tree
• IEEE 802.1D: Spanning Tree Protocol
• IEEE 802.1s: Multiple Spanning Tree Protocol (MSTP)
• Number of MST instances supported: 64
• Number of VLAN Spanning Tree Protocol (VSTP) instances
supported: 253
• IEEE 802.1w: Rapid reconfiguration of Spanning Tree Protocol
Link Aggregation
• IEEE 802.3ad: Link Aggregation Control Protocol
• 802.3ad (LACP) support:
EX4100 Line of Ethernet Switches Datasheet
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com