Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX4100 Datasheet(PDF) 14 Page - Juniper Networks, Inc.

Part # EX4100
Description  EX4100 LINE OF ETHERNET SWITCHES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100 Datasheet(HTML) 14 Page - Juniper Networks, Inc.

Back Button EX4100 Datasheet HTML 9Page - Juniper Networks, Inc. EX4100 Datasheet HTML 10Page - Juniper Networks, Inc. EX4100 Datasheet HTML 11Page - Juniper Networks, Inc. EX4100 Datasheet HTML 12Page - Juniper Networks, Inc. EX4100 Datasheet HTML 13Page - Juniper Networks, Inc. EX4100 Datasheet HTML 14Page - Juniper Networks, Inc. EX4100 Datasheet HTML 15Page - Juniper Networks, Inc. EX4100 Datasheet HTML 16Page - Juniper Networks, Inc. EX4100 Datasheet HTML 17Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Safety and Compliance
Electromagnetic Compatibility (EMC) Requirements
• FCC 47 CFR Part 15
• ICES-003 / ICES-GEN
• EN 300 386 V1.6.1
• EN 300 386 V2.1.1
• EN 55032
• CISPR 32
• EN 55024
• CISPR 24
• EN 55035
• CISPR 35
• IEC/EN 61000 Series
• AS/NZS CISPR 32
• VCCI-CISPR 32
• BSMI CNS 13438
• KN 32 and KN 35
• KN 61000 Series
• TEC/SD/DD/EMC-221/05/OCT-16
• TCVN 7189
• TCVN 7317
Safety Requirements Chassis and Optics
• CAN/CSA-C22.2 No. 62368-1 and 60950-1
• UL 62368-1 and 60950-1
• IEC 62368-1 and 60950-1 (All country deviations): CB
Scheme report
• IEC 62368-3 for USB and PoE: CB Scheme report
• CFR, Title 21, Chapter 1, Subchapter J, Part 1040
• REDR c 1370 OR CAN/CSA-E 60825-1-Part 1
• IEC 60825-1
• IEC 60825-2
Energy Efficiency
• AT&T TEER (ATIS-06000015.03.2013)
• ECR 3.0.1
• ETSI ES 203 136 V.1.1.1
• Verizon TEEER (VZ.TPR.9205)
Environmental
• Reduction of Hazardous Substances (ROHS) 6/6
Telco
• CLEI code
Noise Specifications
• Noise measurements based on operational tests taken from
bystander position (front) and performed at 23° C in
compliance with ISO 7779.
Table 3: Acoustic in dBA
Model Number Acoustics Noise (dBA) – Typical
(1 PSU)
Acoustics Noise (dBA) –
Maximum (2 PSU)
EX4100-24T
NA
38.0
EX4100-48T
NA
39.2
EX4100-24T-DC NA
37.6
EX4100-48T-DC NA
37.7
EX4100-48T-AFI NA
38.2
EX4100-24P
39.4
50.1
EX4100-48P
38.7
48.2
EX4100-24MP
38.9
51.1
EX4100-48MP
36.8
54.3
Typical: Acoustics measurement at 50% PoE load with 1 Power Supply Unit installed.
Maximum: Acoustics measurement at 100% PoE load with 2 Power Supply Units installed.
Juniper Networks Services and Support
Juniper Networks is the leader in performance-enabling services
that are designed to accelerate, extend, and optimize your high-
performance network. Our services allow you to maximize
operational efficiency while reducing costs and minimizing risk,
achieving a faster time to value for your network. Juniper Networks
ensures operational excellence by optimizing the network to
maintain required levels of performance, reliability, and availability.
For more details, please visit https://www.juniper.net/us/en/
products.html.
Table 4: EX4100 Power Supply Ratings
Product
Power Supply Rating
EX4100-24T
150 W AC AFO
EX4100-48T
150 W AC AFO
EX4100-48T-AFI
150 W AC AFI
EX4100-24T-DC
150 W DC AFO
EX4100-48T-DC
150 W DC AFO
EX4100-24P
920 W AC AFO
EX4100-48P
920 W AC AFO
EX4100-24MP
920 W AC AFO
EX4100-48MP
920 W AC AFO
EX4100 Line of Ethernet Switches Datasheet
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com