Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX4100 Datasheet(PDF) 1 Page - Juniper Networks, Inc.

Part # EX4100
Description  EX4100 LINE OF ETHERNET SWITCHES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100 Datasheet(HTML) 1 Page - Juniper Networks, Inc.

  EX4100 Datasheet HTML 1Page - Juniper Networks, Inc. EX4100 Datasheet HTML 2Page - Juniper Networks, Inc. EX4100 Datasheet HTML 3Page - Juniper Networks, Inc. EX4100 Datasheet HTML 4Page - Juniper Networks, Inc. EX4100 Datasheet HTML 5Page - Juniper Networks, Inc. EX4100 Datasheet HTML 6Page - Juniper Networks, Inc. EX4100 Datasheet HTML 7Page - Juniper Networks, Inc. EX4100 Datasheet HTML 8Page - Juniper Networks, Inc. EX4100 Datasheet HTML 9Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
EX4100 LINE OF ETHERNET
SWITCHES DATASHEET
Product Description
The Juniper Networks® EX4100 line of Ethernet Switches offers a secure, cloud-ready
portfolio of access switches ideal for enterprise branch, campus, and data center networks.
The EX4100 switches combine the simplicity of the cloud, the power of Mist AI™, and a
robust hardware foundation with best-in-class security and performance to deliver a
differentiated approach to access switching in the cloud, mobile, and IoT era. With Juniper®
Mist™ Wired Assurance, the EX4100 line of Switches can be effortlessly onboarded,
configured, and managed from the cloud. This simplifies operations, improves visibility, and
ensures a much better experience for connected devices.
Key features of the EX4100 include:
• Cloud-ready, driven by Mist AI with Juniper Mist Wired Assurance and Marvis Virtual
Network Assistant
• Ethernet VPN–Virtual Extensible LAN (EVPN-VXLAN) to the access layer
• Standards-based microsegmentation using group-based policies (GBPs)
• Switch-to-switch encryption using Media Access Control Security (MACsec) AES256
• IEEE 802.3bz Multigigabit
• IEEE 802.3bt Power over Ethernet Plus (PoE++)
• Flow-based telemetry to monitor traffic flows for anomaly detection, ability to
measure packet delays and report drop reasons
• Precision Timing Protocol–Transparent Clock
• 10-member Virtual Chassis support
Offering a full suite of Layer 2 and Layer 3 capabilities, the EX4100 enables multiple
deployments, including campus, branch, and data center top-of-rack deployments. As scale
requirements increase, Juniper’s Virtual Chassis technology allows up to 10 EX4100
switches to be seamlessly interconnected and managed as a single device, delivering a
scalable, pay-as-you-grow solution for expanding network environments.
The EX4100 family of Ethernet switches consists of the following models:
• The EX4100-48MP, which offers 16 x 100 MB/1GbE/2.5GbE and 32 x 10 MB/100
MB/1GbE Power over Ethernet (PoE++) access ports, delivering up to 90 W per PoE
port with an overall total 1620 W of PoE power budget (using two power supplies)
• The EX4100-24MP, which offers 8 x 100 MB/1GbE/2.5GbE/5GbE/10GbE and 16 x
10 MB/100 MB/1GbE PoE++ access ports, delivering up to 90 W per port with an
overall total 1620 W of PoE power budget (using two power supplies)
• The EX4100-24T, which offers 24 x 1GbE non-PoE access ports
• The EX4100-24P, which offers 24 x 1GbE PoE+ access ports, delivering up to 30 W
per port with an overall total 1440 W of PoE power budget (using two power supplies)
• The EX4100-48T, which offers 48 x 1GbE non PoE-access ports
• The EX4100-48P, which offers 48 x 1GbE PoE+ access ports, delivering up to 30 W
per port with an overall total 1440 W of PoE power budget (using two power supplies)
Datasheet
1
Product Overview
The EX4100 line of Ethernet
access switches offers secure,
cloud-ready access for
enterprise campus, branch, and
data center networks in the AI
era and optimized for the cloud.
These platforms boost network
performance and visibility,
meeting the security demands of
today—as well as for networks
of the next decade.
As part of the underlying
infrastructure for Juniper Mist
Wired Assurance, the EX4100
line is purpose-built for, and
managed by, the cloud. The
switches leverage Mist AI to
simplify operations and provide
better visibility into the
experience of connected
devices, delivering a refreshing,
experience-first approach to
access layer switching.


Similar Part No. - EX4100

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
EX4100-F-12P JUNIPER-EX4100-F-12P Datasheet
893Kb / 16P
AEX4100-F LINE OF ETHERNET SWITCHES
EX4100-F-12P-TAA JUNIPER-EX4100-F-12P-TAA Datasheet
893Kb / 16P
AEX4100-F LINE OF ETHERNET SWITCHES
EX4100-F-12T JUNIPER-EX4100-F-12T Datasheet
893Kb / 16P
AEX4100-F LINE OF ETHERNET SWITCHES
EX4100-F-12T-TAA JUNIPER-EX4100-F-12T-TAA Datasheet
893Kb / 16P
AEX4100-F LINE OF ETHERNET SWITCHES
EX4100-F-24P JUNIPER-EX4100-F-24P Datasheet
893Kb / 16P
AEX4100-F LINE OF ETHERNET SWITCHES
More results

Similar Description - EX4100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESW105-ML ETC2-ESW105-ML Datasheet
465Kb / 3P
Ultra Compact Industrial Ethernet Switches
logo
Red Lion Controls. Inc
SLX-6ES-4SC REDLION-SLX-6ES-4SC Datasheet
488Kb / 2P
Unmanaged Industrial Ethernet Switches
SLX-5MS REDLION-SLX-5MS Datasheet
388Kb / 3P
Managed Fast Ethernet Switches
SLX-5ES-1 REDLION-SLX-5ES-1 Datasheet
934Kb / 2P
Unmanaged Ethernet Switches
logo
Microsemi Corporation
VSC7438-02 MICROSEMI-VSC7438-02 Datasheet
9Mb / 603P
Family of Carrier Ethernet Switches
logo
Moxa Inc.
EDS-305 MOXA-EDS-305 Datasheet
794Kb / 5P
5-port unmanaged Ethernet switches
EDS-308 MOXA-EDS-308 Datasheet
830Kb / 5P
8-port unmanaged Ethernet switches
EDS-309 MOXA-EDS-309 Datasheet
732Kb / 4P
9-port unmanaged Ethernet switches
PT-G7509 MOXA-PT-G7509 Datasheet
704Kb / 6P
Gigabit managed rackmount Ethernet switches
logo
Microchip Technology
SPARX-5 MICROCHIP-SPARX-5 Datasheet
4Mb / 604P
SparX-5 Family of L2/L3 Enterprise 10G Ethernet Switches
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com