Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5963
Description  Automotive dual monolithic switching regulator with LDO and HSD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 Datasheet(HTML) 5 Page - STMicroelectronics

  L5963 Datasheet HTML 1Page - STMicroelectronics L5963 Datasheet HTML 2Page - STMicroelectronics L5963 Datasheet HTML 3Page - STMicroelectronics L5963 Datasheet HTML 4Page - STMicroelectronics L5963 Datasheet HTML 5Page - STMicroelectronics L5963 Datasheet HTML 6Page - STMicroelectronics L5963 Datasheet HTML 7Page - STMicroelectronics L5963 Datasheet HTML 8Page - STMicroelectronics L5963 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
DocID028553 Rev 3
5/49
L5963
List of figures
5
List of figures
Figure 1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 2.
Example of a typical application diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
Example of usage of two regulators in the same application . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 4.
PowerSSO-36 pinout configuration. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 5.
VQFPN-48 pinout configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12
Figure 6.
PSRR LDO 50 mA load vs. frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 7.
Efficiency vs. output current (VIN = 14 V, fsw = 2 MHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 8.
Efficiency vs. output current (VIN = 14 V, fsw = 250 kHz) . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 9.
Low voltage warning monitor & delay schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 10.
Linear regulator diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 11.
Enable timing for standby regulator (ENLDO pin connect to supply directly) . . . . . . . . . . . 22
Figure 12.
Enable timing for linear regulator (pin ENLDO isn't connected to VINLDO) . . . . . . . . . . . . 23
Figure 13.
Switching regulators diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 14.
Closed loop system with TYPE III network . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 15.
TYPE III compensated network diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 16.
PowerSSO-36 (exposed pad) package outline. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 17.
PowerSSO-36 (slug-up) package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 18.
VFQFPN-48 (7x7x1.0 - opt. D) package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Figure 19.
PowerSSO-36 (exp. pad) marking information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Figure 20.
PowerSSO-36 (slug up) marking information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 21.
VFQFPN-48 (7x7x1.0) marking information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com