Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L5963
Description  Automotive dual monolithic switching regulator with LDO and HSD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L5963 Datasheet HTML 27Page - STMicroelectronics L5963 Datasheet HTML 28Page - STMicroelectronics L5963 Datasheet HTML 29Page - STMicroelectronics L5963 Datasheet HTML 30Page - STMicroelectronics L5963 Datasheet HTML 31Page - STMicroelectronics L5963 Datasheet HTML 32Page - STMicroelectronics L5963 Datasheet HTML 33Page - STMicroelectronics L5963 Datasheet HTML 34Page - STMicroelectronics L5963 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
DocID028553 Rev 3
31/49
L5963
Application information
48
7.3
Input capacitors (CIN)
The input capacitors must be chosen to support the maximum input operating voltage and
the maximum RMS input current required by the device.
The input capacitors must deliver the RMS current according to below equation:
Equation 7
Where Io is the maximum DC output current and D is the duty cycle. This function has a
maximum at D = 0.5 and it is equal to Io/2.
Equation 8
Vdl is the voltage drop across the low side DMOS, and Vdh is the voltage drop across the
high side DMOS.
For example, with 20% duty cycle, the input/output current multiplier is 0.400. Therefore, if
the regulator is delivering 3 A of steady-state load current, the input capacitor(s) must
support 0.400 × 3 A or 1.2 Arms.
Ceramic capacitors can deliver quite a bit of current but their total capacitance is relatively
low. Electrolytic capacitors typically offer much more capacitance than ceramic capacitors,
but can typically deliver a current of 100 to 500 mArms. So a good design will employ both
types of capacitors with the ceramic capacitors placed closest to the input pins of the device.
As a result, ceramic capacitors which have very low ESR and inductance are the best for
filtering the high frequency switching noise, and electrolytic capacitors are typically able to
provide more current over extended periods of time where VIN would otherwise droop.
7.4
Bootstrap capacitor (CBOOT)
A bootstrap capacitor must be connected between the BOOT and SW pins to provide
floating gate drive to the high-side MOSFET. For most applications 47 nF is sufficient. This
should be a ceramic capacitor with a voltage rating of at least 6 V.
7.5
Compensation network
The compensation network has to assure stability and good dynamic performance. The loop
of the device is based on the voltage mode control, compatible with TYPE III compensation
network (Figure 14). The error amplifier is a voltage operational amplifier with large
bandwidth, which is much larger than the closed-loop one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com