Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L5963
Description  Automotive dual monolithic switching regulator with LDO and HSD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L5963 Datasheet HTML 13Page - STMicroelectronics L5963 Datasheet HTML 14Page - STMicroelectronics L5963 Datasheet HTML 15Page - STMicroelectronics L5963 Datasheet HTML 16Page - STMicroelectronics L5963 Datasheet HTML 17Page - STMicroelectronics L5963 Datasheet HTML 18Page - STMicroelectronics L5963 Datasheet HTML 19Page - STMicroelectronics L5963 Datasheet HTML 20Page - STMicroelectronics L5963 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
DocID028553 Rev 3
17/49
L5963
Electrical specifications
48
IlimSW1
Peak current limitation on sw1 -
2.5
3
3.5
A
IlimSW2
Peak current limitation on sw2 -
3
3.5
4
A
fsw
Free-run switching frequency
-
225
250
275
kHz
fsync
Switching frequency range(3)
50% duty-cycle wave on SYNC pin
250
-
2000
kHz
RonHS
High side MOS on
resistance(3)
VINSWx > 3.5 V; including bonding
wires
-85-
mΩ
RonLS
Low side MOS on resistance(3) Including bonding wires
-
105
-
mΩ
Efficiency(3)
Free run frequency
VOUTSW1/2 = 5 V; Iload = 2.5 A
VOUTSW1/2 = 5 V; Iload = 1 A
-90
93
-%
ΔVFBSWx / Δt FB pin slope at turn-on(3)
Including bonding wires
-
0.95
-
V/ms
TSDSWx
Thermal shutdown temperature
Temperature rising
150
160
-
°C
HysTSDSWx
Hysteresis on thermal
shutdown temperature
-
5
-
15
°C
THRSW1OK /
VFBSW1
SW1OK threshold as
percentage of FBSW1 voltage
-
919497
%
HysSW1OK
Hysteresis on SW1OK
-
-
35
50
mV
VmaxSW1OK SW1OK saturation voltage
I = 1 mA in SW1OK pin
-
-
0.2
V
TglitchSW1OK Glitch filter time for SW1-OK
-
9
13
17
μs
ISW1OKDLY
SW1OKDLY output current
-
6
10
13
μA
THRSW1OKDLY SW1OKDLY threshold
-
2
2.2
2.4
V
ton-min
Minimum on time(3)
-
-
20
-
ns
High side driver
VdropHSD
Output saturation
Iload = 0.5 A
-
140
170
mV
IshortHSD
Short circuit current limit
-
0.7
1
1.3
A
TSDHSD
Thermal shut-down
temperature
Temperature rising
150
160
-
°C
HysTSDHSD
Hysteresis on thermal
shutdown temperature
-
5
-
15
°C
1. Not tested at ATE.
2. Tests involving switching frequencies higher than 1 MHz are guaranteed by design.
3. Test guaranteed by application measurements.
Table 7. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com