Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L5963
Description  Automotive dual monolithic switching regulator with LDO and HSD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L5963 Datasheet HTML 15Page - STMicroelectronics L5963 Datasheet HTML 16Page - STMicroelectronics L5963 Datasheet HTML 17Page - STMicroelectronics L5963 Datasheet HTML 18Page - STMicroelectronics L5963 Datasheet HTML 19Page - STMicroelectronics L5963 Datasheet HTML 20Page - STMicroelectronics L5963 Datasheet HTML 21Page - STMicroelectronics L5963 Datasheet HTML 22Page - STMicroelectronics L5963 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
DocID028553 Rev 3
19/49
L5963
Functional Description
48
6
Functional Description
6.1
Operative modes
L5963 has three main operative modes:
Shutdown mode: all enable pins are low and the device is completely off. In this
condition the quiescent current is typically 1.5 μA.
Standby mode: the linear regulator is configured as stand-by regulator by connecting
ENLDO directly to VINLDO. In this condition the quiescent current is typically 25 μA.
Normal mode: the linear regulator works as LDO and/or other blocks (DC/DC or HSD)
are turned on.
6.2
Blocks functional description
6.2.1
Unregulated supply input voltage (VINLDO)
This terminal provides the power for internal circuitry to bias band-gap reference, standby
regulator and other circuitry in the device.
If backup function is needed, an external capacitor connected to this pin shall be charged
through an external diode which is used to block reverse discharging. With backup function,
when the system battery is removed or drops too low suddenly, the internal bias and
regulator can operate correctly for a certain time, which avoids MCU to work abnormally and
allows MCU to have enough time to turn-off.
6.2.2
Low voltage warning monitor (related pins: VDIN, VDOUT, VDDLY)
An external voltage can be sensed through the VDIN pin. This voltage is scaled using an
external resistor network and compared with an internal threshold to detect a low voltage
condition (Figure 9.). Once the input voltage is below the threshold, the low voltage warning
output terminal (VDOUT) is pulled low after the designed glitch-filtering (~12 μs). VDOUT is
an open drain output. If the input returns above the threshold with the specified hysteresis,
VDOUT is released after a defined delay, determined by the capacitor on pin VDDLY. The
threshold is fixed to 0.95 V typ.
The capacitor on VDDLY pin sets VDOUT delay. A current source (~9 μA) on this pin
charges the external capacitor to generate the required delay, programmable by adjusting
the value of the capacitor.
This voltage monitor can also be used to monitor DC/DC2 output. Changing the ratio of the
external resistor divider the low voltage warning threshold can be adjusted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com