Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L5963
Description  Automotive dual monolithic switching regulator with LDO and HSD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L5963 Datasheet HTML 32Page - STMicroelectronics L5963 Datasheet HTML 33Page - STMicroelectronics L5963 Datasheet HTML 34Page - STMicroelectronics L5963 Datasheet HTML 35Page - STMicroelectronics L5963 Datasheet HTML 36Page - STMicroelectronics L5963 Datasheet HTML 37Page - STMicroelectronics L5963 Datasheet HTML 38Page - STMicroelectronics L5963 Datasheet HTML 39Page - STMicroelectronics L5963 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Application information
L5963
36/49
DocID028553 Rev 3
Choose C1= 82 nF.
Using Equation 24:
Equation 24
Choose R3 = 330 Ω.
Using Equation 25:
Equation 25
Choose C3 = 3.9 nF.
This is a table to summarize components value for different output voltage cases:
Table 8. Components value for different output voltage cases
VOUT(V)
Fsw (Hz)
Lo (μH)
Co (μF)
R1 (kΩ) R2 (kΩ)
R3 (Ω)
R4 (kΩ) C1 (pF) C2 (nF) C3 (nF)
5
2M
2.7
4.7
4.99
1.2
220
1.24
33
5.6
0.68
250k
22
2x10
4.99
2.4
390
1.24
82
16
3.9
3.3
2M
2.2
10
4.99
1.5
180
2.15
56
6.2
0.82
250k
15
2x10
4.99
2
470
2.15
100
16
3.3
1.2
2M
1.5
2x10
4.99
1.8
160
24.9
100
5.6
1
250k
6.8
2x10
4.99
1.2
680
24.9
150
16
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com