Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L5963
Description  Automotive dual monolithic switching regulator with LDO and HSD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L5963 Datasheet HTML 10Page - STMicroelectronics L5963 Datasheet HTML 11Page - STMicroelectronics L5963 Datasheet HTML 12Page - STMicroelectronics L5963 Datasheet HTML 13Page - STMicroelectronics L5963 Datasheet HTML 14Page - STMicroelectronics L5963 Datasheet HTML 15Page - STMicroelectronics L5963 Datasheet HTML 16Page - STMicroelectronics L5963 Datasheet HTML 17Page - STMicroelectronics L5963 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Electrical specifications
L5963
14/49
DocID028553 Rev 3
5
Electrical specifications
5.1
Absolute maximum ratings
5.2
Thermal data
Table 4. Absolute maximum ratings
Pin name /
symbol
Parameter
Value
Unit
VBATOP
VINOP
Operating input voltage
-0.3 to +26
V
VBATMAX
VINMAX
Maximum transient supply voltage
-0.3 to +40
V
PGND1/2,
SGND,
SWGND, TAB
Ground pins voltage
-0.3 to +0.3
V
ENLDO
LDO enable pin voltage
-0.3 to +40
V
Vpinop
Other pins operating voltage
-0.3 to +3.6
V
Vpinmax
Other pins voltage
-0.3 to +4.6
V
Top
Operating ambient temperature
range
-40 to +105
°C
Tstg
Storage temperature range
-55 to +150
°C
Tj
Junction temperature
150
°C
Table 5. Thermal data (PowerSSO-36)
Symbol
Parameter
Board
Value
Unit
Rth j-a-2s
Thermal resistance junction-to-ambient (Max)
(slug down configuration)
2s
53
°C/W
Rth j-a-2s2p
2s2p
27
°C/W
Rth j-a-2s2pv
2s2p+vias
22
°C/W
Rth j-case
Thermal resistance junction-to-case (Max)
1.5
°C/W
Table 6. Thermal data (VQFPN-48)
Symbol
Parameter
Board
Value
Unit
Rth j-a-2s
Thermal resistance junction-to-ambient (Max)
2s
66
°C/W
Rth j-a-2s2p
2s2p
32
°C/W
Rth j-a-2s2pv
2s2p+vias
26
°C/W
Rth j-case
Thermal resistance junction-to-case (Max)
2.2
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com