Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L5963
Description  Automotive dual monolithic switching regulator with LDO and HSD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L5963 Datasheet HTML 11Page - STMicroelectronics L5963 Datasheet HTML 12Page - STMicroelectronics L5963 Datasheet HTML 13Page - STMicroelectronics L5963 Datasheet HTML 14Page - STMicroelectronics L5963 Datasheet HTML 15Page - STMicroelectronics L5963 Datasheet HTML 16Page - STMicroelectronics L5963 Datasheet HTML 17Page - STMicroelectronics L5963 Datasheet HTML 18Page - STMicroelectronics L5963 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
DocID028553 Rev 3
15/49
L5963
Electrical specifications
48
5.3
Electrical characteristics
VBAT = VIN = 14.4 V, Tamb = 25 °C unless otherwise specified.
Table 7. Electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Inputs and controls
VBATOP
VBAT operating range
Standby mode
VOUTLDO = 1.2 V/100 mA
VOUTLDO = 3.3 V/100 mA
3.5
4
-
-
26
26
V
V
Iq
Total quiescent current
Shutdown mode
-
1.5
2
μA
Standby mode; IloadLDO = 100 μA
-
23
28
OVVBAT
Overvoltage shut-down
threshold on VBAT
VBAT rising
27
29
31
V
UVVBAT
Undervoltage shut-down
threshold on VBAT
VBAT falling
VDOUT forced to 0 V
2.7
3
3.3
V
HysUV
Hysteresis on UVVBAT
-
-
0.1
0.5
V
ENmin
Min voltage for enable pins
high level
-
1.6
-
-
V
ENmax
Max voltage for enable pins
low level
--
-
1
V
RFRDIV
Thresholds of value of resistor
connected between FRDIV pin
and ground
fswSW2 = fswSW1
0-
30
kΩ
fswSW2 = fswSW1/2
60
-
70
fswSW2 = fswSW1/4
110
-
115
fswSW2 = fswSW1/8
180
-
Voltage detector
THRVDIN
Voltage Detector input voltage
threshold
-
0.9
0.94
0.98
V
HysVDIN
Voltage Detector input voltage
hysteresis
-
-
30
40
mV
VmaxVDOUT VDOUT saturation voltage
I = 1 mA in VDOUT pin
-
-
0.1
V
IVDDLY
VDDLY output current
-
6
9
12
μA
THRVDDLY
VDDLY threshold
-
2.1
2.3
2.5
V
Linear regulator
VFBLDO
Feedback voltage
Iload = 100 mA
990
1000
1010
mV
UVLDO
Undervoltage shut-down
threshold on LDO
VINLDO decreasing
-
2.2
2.4
V
HysLDO
Hysteresis on UVLDO
-
-
-
100
mV
LdRLDO
FBLDO load regulation
10 mA < Iload < 250 mA
-
5
-
mV
LnRLDO
FBLDO line regulation
3.5 < VINLDO < 26 V
Iload = 100 mA
-
1
-
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com