Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P-FP Datasheet(PDF) 74 Page - STMicroelectronics

Part # L9965P-FP
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P-FP Datasheet(HTML) 74 Page - STMicroelectronics

Back Button L9965P-FP Datasheet HTML 70Page - STMicroelectronics L9965P-FP Datasheet HTML 71Page - STMicroelectronics L9965P-FP Datasheet HTML 72Page - STMicroelectronics L9965P-FP Datasheet HTML 73Page - STMicroelectronics L9965P-FP Datasheet HTML 74Page - STMicroelectronics L9965P-FP Datasheet HTML 75Page - STMicroelectronics L9965P-FP Datasheet HTML 76Page - STMicroelectronics L9965P-FP Datasheet HTML 77Page - STMicroelectronics L9965P-FP Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 104 page
background image
Table 64. ERBOOST - 0x14
Field name
Type
Bit offset
Bit width
Reset value
Reset sources
Description
UNUSED
RO
8
2
0x0
nPOR_MAIN
BSTGND_LOSS
CR
7
1
0x0
nPOR_MAIN
0 = BSTGND_LOSS not set
1 = BSTGND_LOSS set
ERBST_OC
RO
6
1
0x0
nPOR_MAIN
0 = ERBST_OC not set
1 = ERBST_OC set
ERBST_DLOSS
RO
5
1
0x0
nPOR_MAIN
0 = ERBST_DLOSS not set
1 = ERBST_DLOSS set
ERBST_OT
CR
4
1
0x0
nPOR_MAIN
0 = ERBST_OT not set
1 = ERBST_OT set
ERBST_UV
CR
3
1
0x0
nPOR_MAIN
0 = ERBST_UV not set
1 = ERBST_UV set
ERBST_OV
CR
2
1
0x0
nPOR_MAIN
0 = ERBST_OV not set
1 = ERBST_OV set
ERBST_RDY
RO
1
1
0x0
nPOR_MAIN
0 = ERBST_RDY not set
1 = ERBST_RDY set
ERBST_DIS
RW
0
1
0x0
nPOR_MAIN
0 = ERBST enabled
1 = ERBST disabled
Table 65. INTERNAL_CFG - 0x15
Field name
Type Bit offset Bit width Reset value Reset sources
Description
UNUSED
RO
3
7
0x0
nPOR_MAIN
OSC_SS_EN
RW
2
1
0x0
nPOR_SLEEP
0 = Spread spectrum disabled
1 = Spread spectrum enabled
PR_PD_DIS
RW
1
1
0x0
nPOR_MAIN
0 = PR pull-down enabled
1 = PR pull-down disabled
PS_OV_FIRE_MSK
RW
0
1
0x0
nPOR_SLEEP
0 = PS_OV inhibits deployment
1 = PS_OV masked (deployment possible)
Table 66. RES_MEAS_PRE - 0x16
Field name
Type Bit offset Bit width Reset value Reset sources
Description
RES_MEAS_PRE
RO
0
10
0x0
nPOR_MAIN
Resistance measurement result (pre-
deployment)
Table 67. RES_MEAS_POST - 0x17
Field name
Type Bit offset Bit width Reset value Reset sources
Description
RES_MEAS_POST
RO
0
10
0x0
nPOR_SLEEP
Resistance measurement result (post-
deployment)
L9965P
Functional description
DS14702 - Rev 4
page 74/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com