Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P-FP Datasheet(PDF) 96 Page - STMicroelectronics

Part # L9965P-FP
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P-FP Datasheet(HTML) 96 Page - STMicroelectronics

Back Button L9965P-FP Datasheet HTML 92Page - STMicroelectronics L9965P-FP Datasheet HTML 93Page - STMicroelectronics L9965P-FP Datasheet HTML 94Page - STMicroelectronics L9965P-FP Datasheet HTML 95Page - STMicroelectronics L9965P-FP Datasheet HTML 96Page - STMicroelectronics L9965P-FP Datasheet HTML 97Page - STMicroelectronics L9965P-FP Datasheet HTML 98Page - STMicroelectronics L9965P-FP Datasheet HTML 99Page - STMicroelectronics L9965P-FP Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 104 page
background image
Table 93. TQFP32L (7x7x1 mm 32+4L exposed pad down) package mechanical data
Symbol
Dimensions in mm
Min.
Typ.
Max.
Ө
0°
3.5
7°
Ө1
0°
-
-
Ө2
10°
12°
14°
Ө3
10°
12°
14°
A
-
-
1.20
A1
0.05
-
0.15
A2
0.95
1.00
1.05
b
0.30
0.37
0.45
b1
0.30
0.35
0.40
c
0.09
-
0.20
c1
0.09
-
0.16
D
9.00 BSC
D1
7.00 BSC
D2
-
-
5.37
D3
3.40
-
-
e
0.80 BSC
E
9.00 BSC
E1
7.00 BSC
E2
-
-
5.37
E3
3.40
-
-
L
0.45
0.60
0.75
L1
1.00 REF
N
32+4
R1
0.08
-
-
R2
0.08
-
0.20
S
0.20
-
-
Tolerance of form and position
aaa
0.20
bbb
0.20
ccc
0.10
ddd
0.20
L9965P
Package information
DS14702 - Rev 4
page 96/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com