Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965P-FP Datasheet(PDF) 83 Page - STMicroelectronics

Part # L9965P-FP
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P-FP Datasheet(HTML) 83 Page - STMicroelectronics

Back Button L9965P-FP Datasheet HTML 79Page - STMicroelectronics L9965P-FP Datasheet HTML 80Page - STMicroelectronics L9965P-FP Datasheet HTML 81Page - STMicroelectronics L9965P-FP Datasheet HTML 82Page - STMicroelectronics L9965P-FP Datasheet HTML 83Page - STMicroelectronics L9965P-FP Datasheet HTML 84Page - STMicroelectronics L9965P-FP Datasheet HTML 85Page - STMicroelectronics L9965P-FP Datasheet HTML 86Page - STMicroelectronics L9965P-FP Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 104 page
background image
3.18.1
NVM read/write operations
NVM data is automatically downloaded into local registers every time that the IC FSM transitions from the OFF
state to the DEEP-SLEEP state.
When the IC performs FSM transitions to DEEP-SLEEP state, a selected group of data stored in local registers is
retained to guarantee IC correct operation (managed by nPOR_SLEEP), while all other data is lost (managed by
nPOR_MAIN). Such data will be redownloaded in the next transition to NORMAL or DIAG state.
When the IC performs FSM transitions to OFF state, all data stored in local registers is lost; NVM data will be
redownloaded in the next transition to NORMAL or DIAG state.
In NORMAL state, the following commands in NVM_OP_CMD register allow user interaction with the NVM:
•
NVM_OPERATION = 0x3 triggers the NVM upload and refresh: this operation fetches the data previously
written into configuration registers and writes it to the relative NVM sectors, then it automatically triggers a
full NVM redownload to guarantee whole data consistency. The operation lasts tNVM_UPLOAD and during
such time interval the MCU will not be able to perform R/W operations (any command will be discarded).
•
NVM_OPERATION = 0x5 triggers the NVM refresh, fetching the data from NVM sectors and writing it to the
configuration registers. The operation lasts tNVM_DOWNLOAD and during such time interval the MCU will not
be able to perform R/W operations (any command will be discarded).
During NVM upload/download operations, the NVM_BUSY flag indicates that NVM is busy. During such an
interval, it is highly recommended to avoid triggering conversions or actuating loads, as the trimming and
calibration data is being refreshed, and data through SPI are not available (read commands return all zeros).
Once the task is complete, the NVM_BUSY bit is set low and the NVM circuit is kept under reset.
In NVM upload operations, NVM_ERASE_VERIFY_ERROR flag indicates that an error has occurred during NVM
erasing, NVM_PROGRAM_VERIFY_ERROR flag indicates that an error has occurred during NVM programming.
Note:
Before interacting with the NVM, the MCU shall hold CWUP high to prevent the IC moving back to DEEP-
SLEEP due to communication timeout.
Every time a write operation is performed, the IC automatically decrements by one the NVM write counter that
starts from 31. The counter value is stored in the NVM as well and is user-accessible reading
NVM_UPLOAD_COUNT bit (read-only). As the number of write operations reaches NNVM_WRITE_CYCLES limit, the
counter has reached the zero value and it will be never be updated anymore. When such a limit is exceeded, data
retention is not guaranteed anymore. By the way, the IC continues to accept and perform every write operation,
even if it is beyond NNVM_WRITE_CYCLES count.
L9965P
Functional description
DS14702 - Rev 4
page 83/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com